Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319HDTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER319HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319HDTR Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER319HDTR Datasheet HTML 1Page - STMicroelectronics VIPER319HDTR Datasheet HTML 2Page - STMicroelectronics VIPER319HDTR Datasheet HTML 3Page - STMicroelectronics VIPER319HDTR Datasheet HTML 4Page - STMicroelectronics VIPER319HDTR Datasheet HTML 5Page - STMicroelectronics VIPER319HDTR Datasheet HTML 6Page - STMicroelectronics VIPER319HDTR Datasheet HTML 7Page - STMicroelectronics VIPER319HDTR Datasheet HTML 8Page - STMicroelectronics VIPER319HDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Features
•
800 V avalanche-rugged power MOSFET to cover ultra-wide VAC input range
•
Embedded HV startup and sense FET
•
Current mode PWM controller
•
Drain current limit protection (OCP):
–
710 mA (VIPER317)
–
850 mA (VIPER318)
–
990 mA (VIPER319)
•
Wide supply voltage range: 4.5 V to 30 V
–
< 20 mW @ 230 VAC in no-load;
–
< 430 mW @ 230 VAC, 25 0mW output load
•
Jittered switching frequency reduces the EMI filter cost:
–
30 kHz ± 7% (type X)
–
60 kHz ± 7% (type L)
–
132 kHz ±7% (type H)
•
Embedded E/A with 1.2 V reference
•
Built-in soft-start for improved system reliability
•
Protections with automatic restart:
–
overload/short-circuit (OLP)
–
thermal shutdown
–
overvoltage
•
Protections without automatic restart:
–
pulse-skip protection to avoid flux runaway
–
undervoltage/disable
–
max. duty cycle
Application
•
Low power SMPS for home appliances, home automation, industrial,
consumers, lighting
•
Low power adapters
Description
The VIPER31 device is a high-voltage converter that smartly integrates an 800 V
avalanche rugged power MOSFET with PWM current-mode control. The 800 V
breakdown allows extended input voltage range to be applied, as well as to reduce
the size of the DRAIN snubber circuit. The IC can meet the most stringent energy-
saving standards as it has very low consumption and operates in pulse frequency
modulation at light load. Overvoltage and undervoltage protections with separate and
settable intervention thresholds are available at OVP and UVP pins respectively. UVP
can also be used as a disabling input for the entire SMPS, with ultra-low residual
input power consumption. Integrated HV startup, sense FET, error amplifier and
oscillator with frequency jitter allow a complete application to be designed with a
minimum component count. Flyback, buck and buck boost topologies are supported.
DRAIN
GND
VCC
UVP
COMP
CONTROL
FB
OVP
GND
VOUT
COUT
R2
R1
C2
GND
CIN
~ AC
RIN
DIN
VIPER31
C1
DAUX
D1
LOUT
D2
C3
Product status link
VIPER31
Product label
Energy saving offline high voltage converter
VIPER31
Datasheet
DS13285 - Rev 6 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VIPER319HDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER319HDTR STMICROELECTRONICS-VIPER319HDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results

Similar Description - VIPER319HDTR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
SPL8801 MARL-SPL8801 Datasheet
704Kb / 6P
High Efficiency Components Used For Maximum Energy Saving
SPL9066 MARL-SPL9066 Datasheet
2Mb / 3P
High Efficiency Components Used For Maximum Energy Saving
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
Energy-saving axial fan
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
Energy Saving Type Low Dissipation
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
Energy saving offline high voltage converter
07-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com