Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319HDTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # VIPER319HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319HDTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VIPER319HDTR Datasheet HTML 21Page - STMicroelectronics VIPER319HDTR Datasheet HTML 22Page - STMicroelectronics VIPER319HDTR Datasheet HTML 23Page - STMicroelectronics VIPER319HDTR Datasheet HTML 24Page - STMicroelectronics VIPER319HDTR Datasheet HTML 25Page - STMicroelectronics VIPER319HDTR Datasheet HTML 26Page - STMicroelectronics VIPER319HDTR Datasheet HTML 27Page - STMicroelectronics VIPER319HDTR Datasheet HTML 28Page - STMicroelectronics VIPER319HDTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
RL=Vin_UVP+IUVP_pull−up·RH− Vin_UVP+IUVP_pull−up·RH2−4·VUVPtℎ·IUVP_pull−up·RH
2·IUVP_pull−up
and Equation 8.a) for RM:
Equation 10
(10)
RM= VOVPtℎ−RL·IUVP_pull−up · RHVin_OVP−RL
The power consumption of the UVP-OVP network at given Vin is expressed as:
Equation 11
(11)
PUVP_OVP Vin = Vin2
RH+RM+RL
As an example, if Vin_UVP and Vin_OVP design values are 50 Vdc and 450 Vdc respectively, and RH is set to 6
Mohm: from Equations 9 and 10 we have RL = 43 kohm, and RM = 60 kohm respectively, while from Equation 11
the power consumption of the network at 230 Vac is about 17 mW.
4.15
Thermal shutdown
The power MOSFET junction temperature is sensed during the on-time through a diode integrated into the HV
section of the chip. If a junction temperature higher than the internal threshold TSD (160°C, typ.) is measured, the
PWM is disabled for tRESTART. In order to increase robustness against electromagnetic noises, the protection is
triggered only if the condition is met for nth = 3 consecutive switching cycles.
After tRESTART, the IC resumes switching with soft-start phase: if a junction temperature above TSD is still
measured for nth consecutive switching cycles, the protection is triggered and PWM is disabled again for
tRESTART; otherwise normal operation is restored.
During tRESTART, VCC is maintained between VCson and VCcon by the HV current source periodical activation.
Such a behavior is summarized in Figure 38. Thermal shutdown timing diagram.
Figure 38. Thermal shutdown timing diagram
VCCon
GD
t
VCC
VCSon
tRESTART
TJ
n < nth
TSD
tRESTART
t
t
n = nth
n = nth
VIPER31
General description
DS13285 - Rev 6
page 25/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com