Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319HDTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER319HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319HDTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER319HDTR Datasheet HTML 15Page - STMicroelectronics VIPER319HDTR Datasheet HTML 16Page - STMicroelectronics VIPER319HDTR Datasheet HTML 17Page - STMicroelectronics VIPER319HDTR Datasheet HTML 18Page - STMicroelectronics VIPER319HDTR Datasheet HTML 19Page - STMicroelectronics VIPER319HDTR Datasheet HTML 20Page - STMicroelectronics VIPER319HDTR Datasheet HTML 21Page - STMicroelectronics VIPER319HDTR Datasheet HTML 22Page - STMicroelectronics VIPER319HDTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
4.11
Overload protection
In order to manage the overload condition the IC embeds the following main blocks: the OCP comparator to turn
off the power MOSFET when the drain current reaches its limit (IDLIM), the up and down OCP counter to define
the turn-off delay time in case of continuous overload (tOVL = 50 ms typ.) and the timer to define the restart time
after protection tripping (tRESTART = 1 sec, typ.).
In case of short-circuit or overload, the control level on the inverting input of the PWM comparator is greater than
the reference level fed into the inverting input of the OCP comparator. As a result, the cycle-by-cycle turn off of
the power switch is triggered by the OCP comparator instead of by the PWM comparator. Every cycle this
condition is met, the OCP counter is incremented. If the fault condition persists for a time greater than tOVL
(corresponding to the counter end-of-count), the protection is tripped, the PWM is disabled for tRESTART, then it
resumes switching with soft-start and, if the fault is still present, it is disabled again after tOVL. The OLP
management prevents the IC from being indefinitely operated at IDLIM and the low repetition rate of the restart
attempts of the converter avoids overheating the IC in case of repeated fault events.
After the fault removal, the IC resumes working normally. If the fault is removed before the protection tripping
(before tOVL), the tOVL counter is decremented on a cycle-by-cycle basis down to zero and the protection is not
tripped. If the fault is removed during tRESTART, the IC waits for the tRESTART period ot have elapsed before
resuming switching.
In fault condition, VCC is kept between VCSon and VCCon by the periodical activation of the HV current source,
which recharges the VCC capacitor to VCcon any time the IC internal consumption discharges it to VCson.
Figure 30. Overload protection
time
VCC
VCCon
VCSon
IDRAIN
IDLIM
tOVL
tRESTART
tSS
tOVL
Overload applied
tSS
time
Overload removed
tRESTART
4.12
Undervoltage protection
If the voltage across the UVP pin (VUVP) falls below the internal threshold VUVP_th (0.4 V typ.) for a time greater
than tUVP_DEB (30 ms, typ.), the IC is disabled and its consumption is reduced to ultra-low values (Iq_DIS).
When VUVP rises above VUVP_th, the IC must wait tUVP_REST (30 ms, typ.) before resuming switching.
Both tUVP_DEB and tUVP_REST are intended to filter out possible noises/disturbances of the line, which could affect
the correct operation of the function. They are obtained through two separate up/down counters:
DEB (REST) up/down counter has a deb_eoc (rest_eoc) end-of-count. The operation is illustrated in
Figure 31. UVP timing.
If the counter starts from zero and counts always up, end-of-count is reached in a time interval tUVP_DEB
(tUVP_REST).
If VUVP falls below VUVP_th, the DEB counter is incremented. If VUVP increases above VUVP_th before uvp_eoc is
reached, the counter is decremented. If the count goes back down to zero, a disturbance on the UVP pin is
assumed and there is no consequence on the IC behavior.
If VUVP stays below VUVP_th until the counter reaches deb_eoc: the device is disabled; most of the internal blocks
are turned off and the internal consumption is reduced to Iq_DIS; VCC is maintained between VCson and VCcon by
the periodical activation of the internal HV-current source; the DEB counter is reset. If during the count-up VUVP
exceeds VUVP_th for some time, the DEB counter is decremented during that time and the IC disable is delayed
accordingly.
VIPER31
General description
DS13285 - Rev 6
page 19/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com