Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 8 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 8 Page - ams AG

Back Button AS5130 Datasheet HTML 4Page - ams AG AS5130 Datasheet HTML 5Page - ams AG AS5130 Datasheet HTML 6Page - ams AG AS5130 Datasheet HTML 7Page - ams AG AS5130 Datasheet HTML 8Page - ams AG AS5130 Datasheet HTML 9Page - ams AG AS5130 Datasheet HTML 10Page - ams AG AS5130 Datasheet HTML 11Page - ams AG AS5130 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 41
AS5130
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Hyst
Digital hysteresis
at change of rotation direction
1
bit
Serial 8-bit Output
fCLK
Clock Frequency
Normal operation
6MHz
tCLK
166.6
ns
fCLK, P
Clock Frequency
During OTP programming
250
500
kHz
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com