Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 36 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 36 Page - ams AG

Back Button AS5130 Datasheet HTML 32Page - ams AG AS5130 Datasheet HTML 33Page - ams AG AS5130 Datasheet HTML 34Page - ams AG AS5130 Datasheet HTML 35Page - ams AG AS5130 Datasheet HTML 36Page - ams AG AS5130 Datasheet HTML 37Page - ams AG AS5130 Datasheet HTML 38Page - ams AG AS5130 Datasheet HTML 39Page - ams AG AS5130 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
36 - 41
AS5130
Data Sheet - A p p l ic at i on I n f o r m at i on
Figure 32. Typical Error Curve of INL Error Over Lateral Displacement (including quantization error)
Magnet Size
Figure 30 to Figure 32 illustrate a cylindrical magnet with a diameter of 6mm. Smaller magnets may also be used, but
since the poles are closer together, the linear range will also be smaller and consequently the tolerance for lateral
misalignment will also be smaller.
If the ±0.25mm lateral misalignment radius (rotation axis to IC package center) is too tight, a larger magnet can be
used. Larger magnets have a larger linear range and allow more misalignment. However at the same time the slope of
the magnet is more flat, which results in a lower differential amplitude. This requires either a stronger magnet or a
smaller gap between IC and magnet in order to operate in the amplitude-controlled area (AGC >0 and AGC < 63).
In any case, if a magnet other than the recommended 6mm diameter magnet is used, two paramters should be
verified:
Verify, that the magnetic field produces a sinusoidal wave, when the magnet is rotated. Note that this can be done
with the SIN-/COS- outputs of the AS5130; e.g. rotate the magnet at constant speed and analyze the SIN- (or
COS-) output with an FFT-analyzer. It is recommended to disable the AGC for this test (see Analog Sin/Cos Out-
puts with External Interpolator on page 14).
Verify that the Bz-Curve between the poles is as linear as possible (see Figure 30). This curve may be available
from the magnet supplier(s). Alternatively, the SIN- or COS- output of the AS5130 may also be used together with
an X-Y- table to get a Bz-scan of the magnet (as in Figure 30 or Figure 31). Furthermore, the sinewave tests
-1000
-750
-500
-250
0
250
500
750
1000
-1000
-750
-500
-250
0
250
500
750
1000
0,000
0,500
1,000
1,500
2,000
2,500
3,000
3,500
4,000
4,500
5,000
INL [°]
X Displacement [µm]
Y Displacement [µm]
INL vs. Displacement: AS5030 for AGC24
4,500-5,000
4,000-4,500
3,500-4,000
3,000-3,500
2,500-3,000
2,000-2,500
1,500-2,000
1,000-1,500
0,500-1,000
0,000-0,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com