Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 14 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 14 Page - ams AG

Back Button AS5130 Datasheet HTML 10Page - ams AG AS5130 Datasheet HTML 11Page - ams AG AS5130 Datasheet HTML 12Page - ams AG AS5130 Datasheet HTML 13Page - ams AG AS5130 Datasheet HTML 14Page - ams AG AS5130 Datasheet HTML 15Page - ams AG AS5130 Datasheet HTML 16Page - ams AG AS5130 Datasheet HTML 17Page - ams AG AS5130 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
14 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 9. Ratiometric Analog Output
Figure 10.
Analog Sin/Cos Outputs with External Interpolator
By connecting C1 to VDD, the AS5130 provides analog Sine and Cosine outputs (SINP, COSP) of the Hall array front-
end for test purposes. These outputs allow the user to perform the angle calculation by an external ADC + µC, e.g. to
compute the angle with a high resolution. In addition, the inverted Sinus and Cosine signals (SINN, COSN; see dotted
lines) are available for differential signal transmission.
The input resistance of the receiving amplifier or ADC should be greater than 100k
Ω. The signal lines should be kept
as short as possible, longer lines should be shielded in order to achieve best noise performance.
The SINN / COSN / SINP / COSP signals are amplitude controlled to ~1.3Vp (differential) by the internal AGC
controller. The DC bias voltage is 2.25 V.
If the SINN and COSN outputs cannot be sampled simultaneously, it is recommended to disable the automatic gain
control (see Table 9) as the signal amplitudes may be changing between two readings of the external ADC. This may
lead to less accurate results.
VDD
VSS
micro
controller
100n
VSS
+5V
AVDD
PWM
AS5130
VDD
VSS
analog
out
R
≥4k7
C
≥1µF
Analog out
PWMout
Angle
360º
180º
0º
0V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com