Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 26 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 26 Page - ams AG

Back Button AS5130 Datasheet HTML 22Page - ams AG AS5130 Datasheet HTML 23Page - ams AG AS5130 Datasheet HTML 24Page - ams AG AS5130 Datasheet HTML 25Page - ams AG AS5130 Datasheet HTML 26Page - ams AG AS5130 Datasheet HTML 27Page - ams AG AS5130 Datasheet HTML 28Page - ams AG AS5130 Datasheet HTML 29Page - ams AG AS5130 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
26 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 19.
Figure 21 shows the behavior of the wake up signal. The wake up signal will be low for twakeup = 10us. After that, the
wake up signal will go to tri-state condition. In case of an angle comparison with a result below the threshold, the signal
will remain in tri-state condition. After switching on AVDD, the system needs max. 250us to generate an angle with
maximum accuracy. A WAKE signal cannot be expected until the end of this period.
WAKE Interface
An open drain NMOS structure is used in the WAKE pad. In order to generate a clear output signal level, a pull up
resistor is required. The pad can drive 4mA.
VDD on (fast)
store_ok
POR (40us... 150us)
LO
LO
HI
HI
reset & reset_storage
reset digital core only
Retrieve values from storage registers
WAKE (26 clk periods)
Wait (162 clks - 86us ... 95us)
Compare mode
WAKE_ON
Normal mode
store_ok ?
Copy to Storage
Normal mode
OTP readout (46bit - 140us ... 400us)
true
true
false
false
WAKE (20 clk periods)
command rst_otp
OTP readout (OTP <8> = HI
|
measured –
stored| >
threshold
αα
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com