Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 25 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 25 Page - ams AG

Back Button AS5130 Datasheet HTML 21Page - ams AG AS5130 Datasheet HTML 22Page - ams AG AS5130 Datasheet HTML 23Page - ams AG AS5130 Datasheet HTML 24Page - ams AG AS5130 Datasheet HTML 25Page - ams AG AS5130 Datasheet HTML 26Page - ams AG AS5130 Datasheet HTML 27Page - ams AG AS5130 Datasheet HTML 28Page - ams AG AS5130 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
25 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 18. External Circuitry for Polling Mode
The voltage at pin 16 (DVDD) determines whether polling mode is activated or not. Any voltage above 3.6V activates
the polling functionality. This voltage must always be present at DVDD in order to hold the information in the registers.
The procedure is as follows:
1. Initial startup: The circuit starts up with invalid trim values, which are read back from the storage registers; the
command rst_otp (command 19 – 10011) must be sent to read out valid trim values from the OTP.
2. These values are copied to the storage registers if OTP<8> (Wake enable) is set (must be set for polling
mode).
3. The values of AGC counter, actual angle, multi turn counter, hysteresis setting, wake threshold and gain set-
ting are continuously updated in the storage registers.
4. The actual angle is stored as a reference by sending command STORE REF (command 3 – 00011). without
this reference angle, a WAKE is generated at every startup.
5. The update of the storage registers is stopped if VDD drops below 4.45V and then the information is stored
(DVDD) at the next startup (VDD on), the values are read back from the storage registers and the measured
angle is compared with the stored reference angle; if the difference between both exceeds the threshold, a
WAKE pulse is generated.
DVDD
WAKE
t_on
t_off
t_wakeup
100n
+5V
>1.5K
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com