Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 33 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 33 Page - ams AG

Back Button AS5130 Datasheet HTML 29Page - ams AG AS5130 Datasheet HTML 30Page - ams AG AS5130 Datasheet HTML 31Page - ams AG AS5130 Datasheet HTML 32Page - ams AG AS5130 Datasheet HTML 33Page - ams AG AS5130 Datasheet HTML 34Page - ams AG AS5130 Datasheet HTML 35Page - ams AG AS5130 Datasheet HTML 36Page - ams AG AS5130 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
33 - 41
AS5130
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 29. Vertical Magnetic Fields of a Rotating Magnet
Magnet Placement
Ideally, the center of the magnet, the diagonal center of the IC and the rotation axis of the magnet should be in one
vertical line. The lateral displacement of the magnet should be within +/-0.25mm from the IC package center or +/-
0.5mm from the IC center, including the placement of the chip within the IC package. The vertical distance should be
chosen such that the magnetic field on the die surface is within the specified limits. The typical distance “z” between
the magnet and the package surface is 0.5mm to 1.8mm with the recommended magnet (6mm x 2.5mm). Larger gaps
are possible, as long as the required magnetic field strength stays within the defined limits. A magnetic field outside the
specified range may still produce acceptable results, but with reduced accuracy. The out-of-range condition will be
indicated, when the AGC is at the limits (AGC= 0 : field too strong; AGC=63=(3FH): field too weak or missing magnet).
N
S
Magnet axis
Vertical field
component
(20…80mT)
0
360
360
Bz
Vertical field
component
R1 concentric circle;
radius 1.0 mm
R1
Magnet axis
typ. 6mm diameter
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com