Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ATST Datasheet(PDF) 16 Page - ams AG

Part # AS5130ATST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ATST Datasheet(HTML) 16 Page - ams AG

Back Button AS5130ATST Datasheet HTML 12Page - ams AG AS5130ATST Datasheet HTML 13Page - ams AG AS5130ATST Datasheet HTML 14Page - ams AG AS5130ATST Datasheet HTML 15Page - ams AG AS5130ATST Datasheet HTML 16Page - ams AG AS5130ATST Datasheet HTML 17Page - ams AG AS5130ATST Datasheet HTML 18Page - ams AG AS5130ATST Datasheet HTML 19Page - ams AG AS5130ATST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
16 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
RD2COS / RD2SIN: The Hall array configuration for cosine and sine channel can be read out by these commands,
initial values are 0.
SET TEST CFG 1: gen_rst HI triggers a digital reset.
WRITE CONFIG: go2sleep HI activates the sleep mode of the AS5130. The power consumption is significantly
reduced. go2sleep LO returns to normal operation mode. During sleep mode, the lock bit in command 0 and command
1 is LO.
WRITE CUST: With “wlsb_x” the threshold level for generation of a WAKE pulse is set (only important in polling mode).
The initial value is 4 LSB. No value lower than 4 LSB can be set. The maximum value is 127 LSB.
“gain_x” sets the gain in the signal
HYST_RST: “setHyst” enables an additional hysteresis of the digital output signal. It is enabled by default. Only after 2
consecutive equal signals the output is changed.
“rst_otp” forces the IC to read out the OTP in polling mode. This reset has to be performed after initial startup and
every WAKE signal.
“rst_multi” resets the multi turn counter to 0.
READ CUST: With this command “wlsb_x” and “gain_x” can be read out.
RD_BOTH: Angle and multi turn counter value can be read out simultaneously by this command. Due to limited data
size, the parity bit is not available in this command.
STORE REF: This command stores the actual angle as reference angle in the storage registers (only important in
polling mode). The output is the stored angle (angle_stored), a flag, if the voltage at DVDD is OK (store_ok), a flag, if
the supply voltage is OK (vdd_ok) and a check bit, if the register was written.
RD_MULTI: Command for read out of multi turn register (multiturn) and AGC value (agc). “Lock” indicates a locked
ADC and “parity” an even parity checksum.
RD_ANGLE: Command for read out of angle value and AGC value (agc). “Lock” indicates a locked ADC and “parity”
an even parity checksum.
Commands of the SSI in Extended Mode
For programming or readout of the OTP data, the chip has to be started with DVDD at a low voltage (polling mode off or
cap discharged) or the OTP reset has to be performed. If not, the OTP is not read out and the OTP data is not
available.
Table 10. SSI in Extended Mode
#
cmd
bin
mode <45:44> <43:32> <31:28> <27:26>
<25>
<24:23> <22:20> <19:16> <15:12> <11:9>
<8>
<7:0>
31 WRITE_
OTP
11111 xt write
OTP
Test
ID
OTP
lock
VREF
Hall
Bias
Osc
Redund
ancy
Sensiti
vity
Wake
enable
Zero
Angle
30
11110 xt write
29
11101 xt write
28
11100 xt write
27
11011 xt write
26
11010 xt write
25
PROG_
OTP
11001 xt write
OTP
Test
ID
OTP
lock
VREF
Hall
Bias
Osc
Redund
ancy
Sensiti
vity
Wake
enable
Zero
Angle
24
11000 xt write
15
01111 xt read
OTP
Test
ID
OTP
lock
VREF
Hall
Bias
Osc
Redund
ancy
Sensiti
vity
Wake
enable
Zero
Angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com