Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ATST Datasheet(PDF) 20 Page - ams AG

Part # AS5130ATST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ATST Datasheet(HTML) 20 Page - ams AG

Back Button AS5130ATST Datasheet HTML 16Page - ams AG AS5130ATST Datasheet HTML 17Page - ams AG AS5130ATST Datasheet HTML 18Page - ams AG AS5130ATST Datasheet HTML 19Page - ams AG AS5130ATST Datasheet HTML 20Page - ams AG AS5130ATST Datasheet HTML 21Page - ams AG AS5130ATST Datasheet HTML 22Page - ams AG AS5130ATST Datasheet HTML 23Page - ams AG AS5130ATST Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
20 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
The counter output can be reset by using command 19 – HYST_RST. It is immediately reset by the rising clock edge of
this bit. Any zero crossing between the clock edge and the next counter readout changes the counter value.
AS5130 Status Indicators
Lock Status Bit
The Lock signal indicates whether the angle information is valid (ADC locked, Lock = high) or invalid (ADC unlocked,
Lock = low). To determine a valid angular signal at best performance, the following indicators should be set:
Lock = 1
AGC = >00H and < 2FH
Note: The angle signal may also be valid (Lock = 1), when the AGC is out of range (00H or 2FH), but the accuracy of
the AS5130 may be reduced due to the out of range condition of the magnetic field strength.
Magnetic Field Strength Indicators
The AS5130 is not only able to sense the angle of a rotating magnet, it can also measure the magnetic field strength
(and hence the vertical distance) of the magnet. This additional feature can be used for several purposes:
- as a safety feature by constantly monitoring the presence and proper vertical distance of the magnet
- as a state-of-health indicator, e.g. for a power-up self test
- as a pushbutton feature for rotate-and-push types of manual input devices
The magnetic field strength information is available in two forms – Magnetic field strength hardware indicator and
Magnetic field strength software indicator.
Magnetic Field Strength Hardware Indicator
Pin CAO (#1) will be low, when the magnetic field is too weak. The switching limit is determined by the value of the
AGC. If the AGC value is <3FH , the CAO output will be high (green range), If the AGC is at its upper limit (3FH), the
CAO output will be low (red range).
Magnetic Field Strength Software Indicator
D13:D7 in the serial data that is obtained by command READ ANGLE (see Table 9) contains the 6-bit AGC
information. The AGC is an automatic gain control that adjusts the internal signal amplitude obtained from the Hall
elements to a constant level. If the magnetic field is weak, e.g. with a large vertical gap between magnet and IC, with a
weak magnet or at elevated temperatures of the magnet, the AGC value will be high. Likewise, the AGC value will be
lower when the magnet is closer to the IC, when strong magnets are used and at low temperatures.
The best performance of the AS5130 will be achieved when operating within the AGC range. It will still be operational
outside the AGC range, but with reduced performance especially with a weak magnetic field due to increased noise.
Factors Influencing the AGC Value
In practical use, the AGC value will depend on several factors:
11111110
-2
11111101
-3
---
---
10000000
-128
Table 13.
Bit Code
Decimal Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com