Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ATST Datasheet(PDF) 18 Page - ams AG

Part # AS5130ATST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ATST Datasheet(HTML) 18 Page - ams AG

Back Button AS5130ATST Datasheet HTML 14Page - ams AG AS5130ATST Datasheet HTML 15Page - ams AG AS5130ATST Datasheet HTML 16Page - ams AG AS5130ATST Datasheet HTML 17Page - ams AG AS5130ATST Datasheet HTML 18Page - ams AG AS5130ATST Datasheet HTML 19Page - ams AG AS5130ATST Datasheet HTML 20Page - ams AG AS5130ATST Datasheet HTML 21Page - ams AG AS5130ATST Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
18 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 13. External Circuitry for OTP Programming
Programming Verification
After programming, the programmed OTP bits are verified in following two ways:
By Digital Verification: This is simply done by sending a READ OTP command (#0FH, Refer to Table 10). The
structure of this register is the same as for the OTP PROG or OTP WRITE commands.
By Analog Verification: By sending an ANALOG OTP READ command (#09H), pin PROG becomes an output,
sending an analog voltage with each clock, representing a sequence of the bits in the OTP register. A voltage of
<500mV indicates a correctly programmed bit (“1”) while a voltage level between 2.2V and 3.5V indicates a correctly
unprogrammed bit (“0”). Any voltage level in between indicates improper programming.
Table 11.
Symbol
Parameter
Min
Max
Unit
Notes
VDD
Supply Voltage
5
5.5
V
GND
Ground Level
0
0
V
V_zapp
Programming Voltage
8
8.5
V
At pin PROG
T_zapp
Temperature
0
85
ºC
f_clk
CLK Frequency
100
kHz
At pin DCLK
VDD
VSUPPLY
PROG
GND
C1
C2
100nF 10µF
Vzapp
Vprog
PROM Cell
maximum
parasitic cable
inductance
L<50nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com