Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ATST Datasheet(PDF) 5 Page - ams AG

Part # AS5130ATST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ATST Datasheet(HTML) 5 Page - ams AG

  AS5130ATST Datasheet HTML 1Page - ams AG AS5130ATST Datasheet HTML 2Page - ams AG AS5130ATST Datasheet HTML 3Page - ams AG AS5130ATST Datasheet HTML 4Page - ams AG AS5130ATST Datasheet HTML 5Page - ams AG AS5130ATST Datasheet HTML 6Page - ams AG AS5130ATST Datasheet HTML 7Page - ams AG AS5130ATST Datasheet HTML 8Page - ams AG AS5130ATST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 41
AS5130
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical
Characteristics on page 6 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Supply Voltage
0.3
7
V
Only relevant for polling operation mode,
supply voltage with capacitor of the
integrated storage register during toff phase
of AVDD
Input Pin Voltage
VSS-0.5
AVDD
V
Input Current (latchup immunity)
-100
100
mA
Norm: EIA/JESD78 ClassII Level A
Electrostatic Discharge
±2
kV
Norm: JESD22-A114E
Package Thermal Resistance SSOP-16
137.1
K/W
Still Air / Single Layer PCB
Package Thermal Resistance SSOP-16
70
86
K/W
Still Air / Multi Layer PCB, JEDEC Standard
Testboard
Storage Temperature
-55
125
ºC
Ambient Temperature
-40
125
ºC
Junction Temperature
150
ºC
Package body temperature
260
ºC
Norm: IPC/JEDEC J-STD-020C.
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages
is matte tin (100% Sn).
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com