Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ATST Datasheet(PDF) 27 Page - ams AG

Part # AS5130ATST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ATST Datasheet(HTML) 27 Page - ams AG

Back Button AS5130ATST Datasheet HTML 23Page - ams AG AS5130ATST Datasheet HTML 24Page - ams AG AS5130ATST Datasheet HTML 25Page - ams AG AS5130ATST Datasheet HTML 26Page - ams AG AS5130ATST Datasheet HTML 27Page - ams AG AS5130ATST Datasheet HTML 28Page - ams AG AS5130ATST Datasheet HTML 29Page - ams AG AS5130ATST Datasheet HTML 30Page - ams AG AS5130ATST Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
27 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 20. WAKE Output Pin
Figure 21. Wake Up Signal During Polling Mode of AVDD
Table 16.
Symbol
Parameter
Min
Max
Unit
Notes
Rpull_up
Pull up resistor
1.5
100
k
Ω
The used pad can drive 4mA.
twake up
Wake up pulse
10
17
µs
Interrupt signal to external devices, tri-state
output, low active.
ton
On-time
250
---
µs
Time for power up in polling mode. (1)
toff
Off-time
---
---
ms
No limit unless DVDD is always supplied.
pull up
resistor
WAKE
PAD
AS5130
AVDD
AVDD
tri-state
WAKE
tri-state
t_on
t_off
t_on
t_wakeup
delta (actual - reference angle)
> threshold
delta (actual - reference angle)
</= threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com