Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ATST Datasheet(PDF) 6 Page - ams AG

Part # AS5130ATST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ATST Datasheet(HTML) 6 Page - ams AG

Back Button AS5130ATST Datasheet HTML 2Page - ams AG AS5130ATST Datasheet HTML 3Page - ams AG AS5130ATST Datasheet HTML 4Page - ams AG AS5130ATST Datasheet HTML 5Page - ams AG AS5130ATST Datasheet HTML 6Page - ams AG AS5130ATST Datasheet HTML 7Page - ams AG AS5130ATST Datasheet HTML 8Page - ams AG AS5130ATST Datasheet HTML 9Page - ams AG AS5130ATST Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 41
AS5130
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = -40 to 125ºC, unless otherwise noted.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVDD
Positive Supply Voltage
Except OTP programming
4.5
5
5.5
V
DVDD
Polling Mode Supply Voltage
3.6
5
5.5
V
IDD
Power Supply Current
19
mA
Ioff
Power Down Mode
1.4
2
mA
N
Resolution
8bit
1.406
TPwrUp
Power Up Time
Startup from zero
2000
µs
Startup with preset AGC
(Supplied during toff phase of AVDD
from the external buffer capacitor via
DVDD pin)
250
Startup from sleep power mode
150
tda
Propagation Delay
Analog signal path; over full
temperature range
15
17
µs
tdd
Tracking rate
Step rate of tracking ADC;
1 step = 1.406º
0.85
1.15
1.45
µs
tdelay
Signal Processing Delay
Total signal processing delay,
Analog + Digital + SSI readout
( tda + tdd + tSSI)
21.55
µs
T
Analog filter time constant
Internal lowpass filter
4.1
6.6
12.5
µs
INLcm
Accuracy
Centered Magnet
-2
2
Within horizontal displacement
radius (see parameters for magnet)
-3
3
TN
Transition Noise
rms (1 sigma)
0.235
PORr
Power-On-Reset levels
VDD rising
3,7
4
4,3
V
PORf
VDD falling
3,4
3,7
3,9
V
Hyst
Hysteresis | PORr - PORf |
500
mV
Parameters for Magnet
n
Rotational Speed
Frequencies above 1000 rpm
causes an additional not specified
DNL Error
-30000
30000
rpm
N
Resolution
8bit
MD
Magnet diameter
Diametrically magnetized
6
mm
MT
Magnet thickness
2.5
mm
Bi
Magnetic input range
Valid for use of full range of
sensitivity
32
75
mT
s
Magnetic Sensitivity of AGC
AGC value available at SSI
0.5
5
LSB/
mT
BDC
Magnetic Offset
Magnetic stray field without gradient
4
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com