Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211R Datasheet(PDF) 10 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 6Page - STMicroelectronics PSD211R Datasheet HTML 7Page - STMicroelectronics PSD211R Datasheet HTML 8Page - STMicroelectronics PSD211R Datasheet HTML 9Page - STMicroelectronics PSD211R Datasheet HTML 10Page - STMicroelectronics PSD211R Datasheet HTML 11Page - STMicroelectronics PSD211R Datasheet HTML 12Page - STMicroelectronics PSD211R Datasheet HTML 13Page - STMicroelectronics PSD211R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
PSD211R Family
7
Name
Type
Description
This pin is for 8031 or compatible MCUs that use PSEN to
separate program space from data space. In this case, PSEN is
used for reads from the EPROM.
PSEN
I
Notes:
1) If your MCU does not output a PSEN signal, pull up this pin to
VCC.
2) In programming mode, this pin is pulsed between VPP and 0 V.
The following control signals can be connected to this port, based on
WR/VPP
your MCU (and the way you configure the PSD in PSDsoft):
or
I
1. WR—active-low write pulse.
R/W/VPP
2. R/W—active-high read/active-low write input.
Note: in programming mode, this pin must be tied to VPP.
The following control signals can be connected to this port, based on
RD/E
I
your MCU (and the way you configure the PSD in PSDsoft):
1. RD—active-low read input.
2. E—E clock input.
The following control signals can be connected to this port:
1. CSI-Active-low chip select input. If your MCU supports a chip
select output, and you want the PSD to save power when not
A19/CSI
I
selected, use this pin as a chip select input.
2. If you don’t wish to use the CSI feature, you may use this pin as
an additional input (logic or address) to the PAD. A19 can be
latched with ALE/AS, or be a transparent logic input.
PSD211R/ZPSD211R:
This pin is user-programmable and can be configured to reset on a
high- or low-level input. Reset must be applied for at least 100 ns.
Reset
I
ZPSD211RV:
This pin is not configurable, and the chip will only reset on an
active-low level input. Reset must be applied for at least 500 ns,
and no operations may take place for an additional 500 ns minimum.
(See Figure 8.)
ALE/AS
I
Connect ALE or AS to this pin. The polarity of this pin is configurable.
The trailing edge of ALE/AS latches all multiplexed address inputs.
PA0
PA1
PA2
These pins make up Port A. These port pins are configurable, and
PA3
I/O
can have the following functions: (see Figure 5)
PA4
1. MCU I/O—in this mode, the direction of the pin is defined by its
PA5
direction bit, which resides in the direction register.
PA6
2. Latched address output.
PA7
PB0
These pins make up Port B. These port pins are configurable, and
PB1
can have the following functions: (see Figure 6)
PB2
1. MCU I/O —in this mode, the direction of the pin is defined by its
PB3
I/O
direction bit, which resides in the direction register.
PB4
2. Chip select output —each of PB0-3 has four product terms
PB5
available per pin, while PB4-7 have 2 product terms each.
PB6
See Figure 4.
PB7
Legend: The Type column abbreviations are: I = input only; I/O = input/output; P = power.
Table 2.
PSD211R Pin
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com