Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211R Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 28Page - STMicroelectronics PSD211R Datasheet HTML 29Page - STMicroelectronics PSD211R Datasheet HTML 30Page - STMicroelectronics PSD211R Datasheet HTML 31Page - STMicroelectronics PSD211R Datasheet HTML 32Page - STMicroelectronics PSD211R Datasheet HTML 33Page - STMicroelectronics PSD211R Datasheet HTML 34Page - STMicroelectronics PSD211R Datasheet HTML 35Page - STMicroelectronics PSD211R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
PSD211R Family
29
Figure 17. Normalized ICC (AC) (VCC = 3.0 V)
Figure 18. Normalized Access Time (T6) (VCC = 3.0 V)
Figure 15. IOL vs. VOL (5 V ± 10%)
Figure 16. Normalized ICC (DC vs. VCC) (VCC = 3.0 V)
40
35
30
25
20
15
10
5
0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
VOL (V)
Temp. = 125°C
Temp. = 25°C
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
2.7
2.7
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
2.7
1.1
1.05
1.0
0.95
0.9
0.85
0.8
0.75
0.7
0.65
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
ZPSD211R(V)
ZPSD211R(V)
ZPSD211R(V)
ZPSD211R(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com