Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211R Datasheet(PDF) 30 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 26Page - STMicroelectronics PSD211R Datasheet HTML 27Page - STMicroelectronics PSD211R Datasheet HTML 28Page - STMicroelectronics PSD211R Datasheet HTML 29Page - STMicroelectronics PSD211R Datasheet HTML 30Page - STMicroelectronics PSD211R Datasheet HTML 31Page - STMicroelectronics PSD211R Datasheet HTML 32Page - STMicroelectronics PSD211R Datasheet HTML 33Page - STMicroelectronics PSD211R Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
PSD211R Family
27
17.0
Calculating
Power
Conditions
Part Used
= ZPSD211R (VCC = 5.0 V)
MCU ALE Clock Frequency
= 2.0 MHz
Composite ZPLD input Frequency
= 8.0 MHz (see example in above section)
% EPROM Access
= 80%
% I/O access
= 20%
% Time CSI is high (standby mode)
= 90%
% Time CSI is low (normal operation mode) = 10%
# Product terms used (see previous section) = 10
Turbo bit
= OFF (Turbo Mode disabled)
CMiser bit
= ON
MCU Bus Configuration
= 8-bit multiplexed bus mode
Calculation (Based on Typical AC and DC Currents)
ICC total = Istandby x % time CSI is high + [ICC (AC) + ICC (DC)] x % time CSI is low.
= Istandby x % time CSI is high +
[%EPROM Access x 0.8 mA/MHz x Freq. ALE
+ ZPLD AC current (Figure 13: 10 PTs, 8 MHz, Non-Turbo)
]
x % time CSI is low.
= 10 µA x 0.9 + (0.8 x 0.8 mA/MHz x 2 MHz + 5.0 mA) x 0.1
= 9.0 µA + (1.28 mA + 5.0 mA) x 0.1
= 637 µA, based on the system operating in standby 90% of the time
Once you have read the “Power Management” section, you should be able to calculate
power. The following is a sample power calculation:
NOTES: 1. Calculation is based on the assumption that Iout = 0 mA (no I/O pin loading).
2. ICC (DC) is zero for all ZPSD devices operating in non-turbo mode.
3. 10 product terms: 8 for EPROM, 1 for CSIOPORT, 1 for CS8
4. The 5% I/O access in the conditions section is when the MCU accesses CSIOPORT space.
5. Standby Mode can also be achieved without using the CSI pin. The ZPSD device will automatically
go into Standby while no inputs are changing on any pin, and Turbo Mode is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com