Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211R Datasheet(PDF) 47 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 43Page - STMicroelectronics PSD211R Datasheet HTML 44Page - STMicroelectronics PSD211R Datasheet HTML 45Page - STMicroelectronics PSD211R Datasheet HTML 46Page - STMicroelectronics PSD211R Datasheet HTML 47Page - STMicroelectronics PSD211R Datasheet HTML 48Page - STMicroelectronics PSD211R Datasheet HTML 49Page - STMicroelectronics PSD211R Datasheet HTML 50Page - STMicroelectronics PSD211R Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
PSD211R Family
44
Drawing M1 – 44-Pin Plastic Quad Flatpack (PQFP) (Package Type M)
B
E1
E
1
D3
E3
D1
D
L
a
2
3
44
A2
A
A1
C
Index
Mark
e1
Standoff:
0.10 mm Min
0.25 mm Max
Family: Plastic Quad Flatpack (PQFP)
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
α
0°
7°
0°
7°
A
–
2.35
–
0.092
A1
1.075
Reference
0.042
Reference
A2
1.95
2.10
0.077
0.083
B
0.30
0.45
0.012
0.018
C
0.13
0.23
0.005
0.009
D
13.20
0.520
D1
10.00
0.394
D3
8.00
Reference
0.315
Reference
E
13.20
0.520
E1
10.00
0.394
E3
8.00
Reference
0.315
Reference
e1
0.80
Reference
0.031
Reference
L
0.73
1.03
0.029
0.040
N44
44
030195R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com