Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211R Datasheet(PDF) 17 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 13Page - STMicroelectronics PSD211R Datasheet HTML 14Page - STMicroelectronics PSD211R Datasheet HTML 15Page - STMicroelectronics PSD211R Datasheet HTML 16Page - STMicroelectronics PSD211R Datasheet HTML 17Page - STMicroelectronics PSD211R Datasheet HTML 18Page - STMicroelectronics PSD211R Datasheet HTML 19Page - STMicroelectronics PSD211R Datasheet HTML 20Page - STMicroelectronics PSD211R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
PSD211R Family
14
Figure 6. Port B Pin Structure
READ PIN
READ DATA
PORT B PIN
MCU
I/O
OUT
WRITE DATA
CK
D
R
DFF
ENABLE
MUX
CSn
CONTROL
DIR
FF
D
CK
R
WRITE DIR
RESET
READ DIR
I
N
T
E
R
N
A
L
I
N
T
E
R
N
A
L
C
S
O
U
T
D
A
T
A
B
U
S
B
U
S
C
S
0
•
•
•
7
D
8
•
•
•
D
1
5
10.0
I/O Port
Functions
(Cont.)
10.3 Port B (PB0-PB7)
MCU I/O Mode
The default configuration of Port B is MCU I/O. In this mode, every pin can be set
(at run-time) as an input or output by writing to the respective pin’s direction flip-flop (DIR
FF, Figure 6). As an output, the pin level can be controlled by writing to the respective pin’s
data flip-flop (DFF, Figure 6). The Pin Register can be read to determine logic level of the
pin. The contents of the Pin Register indicate the true state of the PSD driving the pin
through the DFF or an external source driving the pin.
Chip Select Output
Alternatively, each bit of Port B can be configured to provide a chip-select output signal
from PAD B. PB0-PB7 can provide CS0-CS7, respectively. The functionality of these pins
is not limited to chip selects only; they can be used for generic combinatorial logic as well.
Each of the CS0-CS3 signals is comprised of four product terms, and each of the CS4-CS7
signals is comprised of two product terms.
The control registers of Port B are located in CSIOPORT space; see Table 5. Each pin of
Port B can be individually configured. The following table summarizes what the control
registers (in CSIOPORT space) for Port B do:
NOTE: 1. Default value is the value after reset.
Default
Value
Register Name
0 Value
1 Value
(Note 1)
Port B Pin Register
Sampled logic level
Sampled logic level
X
at pin = ‘0’
at pin = ‘1’
Port B Direction Register
Pin is configured
Pin is configured
0
as input
as output
Port B Data Register
Data in DFF = ‘0’
Data in DFF = ‘1’
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com