Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211R Datasheet(PDF) 38 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 34Page - STMicroelectronics PSD211R Datasheet HTML 35Page - STMicroelectronics PSD211R Datasheet HTML 36Page - STMicroelectronics PSD211R Datasheet HTML 37Page - STMicroelectronics PSD211R Datasheet HTML 38Page - STMicroelectronics PSD211R Datasheet HTML 39Page - STMicroelectronics PSD211R Datasheet HTML 40Page - STMicroelectronics PSD211R Datasheet HTML 41Page - STMicroelectronics PSD211R Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
PSD211R Family
35
NOTES: 1. ADi = any address line.
2. CSOi = any of the chip-select output signals coming through Port B (CS0–CS7) or through Port C (CS8–CS10).
3. Direct PAD input = any of the following direct PAD input lines: CSI/A19 as transparent A19, RD/E, WR or
R/W, transparent PC0–PC2, ALE (or AS).
4. Control signals RD/E or WR or R/W.
-20
-25
CMiser Turbo
Symbol
Parameter
On =
Off =
Unit
Min
Max
Min
Max
Add
Add
Hold Time of Port A Valid During Write CSOi
T29
Trailing Edge
33
0
0
ns
T30
CSI Active to CSOi2 Active
9
80
9
90
0
0
ns
T31
CSI Inactive to CSOi2 Inactive
9
80
9
90
0
0
ns
T32
Direct PAD Input3 as Hold Time
0
0
0
0
ns
T33
R/W Active to E or DS Start
40
50
0
0
ns
T34
E or DS End to R/W
40
50
0
0
ns
T35
AS Inactive to E high
0
0
0
0
ns
T36
Address to Leading Edge of Write
35
40
0
0
ns
18.8 Timing Parameters – ZPSD211RV (3 V devices only) (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com