Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 81Page - STMicroelectronics PSD813F1V Datasheet HTML 82Page - STMicroelectronics PSD813F1V Datasheet HTML 83Page - STMicroelectronics PSD813F1V Datasheet HTML 84Page - STMicroelectronics PSD813F1V Datasheet HTML 85Page - STMicroelectronics PSD813F1V Datasheet HTML 86Page - STMicroelectronics PSD813F1V Datasheet HTML 87Page - STMicroelectronics PSD813F1V Datasheet HTML 88Page - STMicroelectronics PSD813F1V Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
-90
-12
-15
Fast
PT
TURBO
Slew
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Aloc
OFF
*
(Note 1)
Unit
tPD
CPLD Input Pin/Feedback to
25
30
32
Add 2 Add 10 Sub 2
ns
CPLD Combinatorial Output
tEA
CPLD Input to CPLD
Output Enable
26
30
32
Add 10 Sub 2
ns
tER
CPLD Input to CPLD
Output Disable
26
30
32
Add 10 Sub 2
ns
tARP
CPLD Register Clear or
Preset Delay
26
30
33
Add 10 Sub 2
ns
tARPW
CPLD Register Clear or
20
24
29
Add 10
ns
Preset Pulse Width
tARD
CPLD Array Delay
Any
16
18
22
Add 2
ns
Micro
⇔Cell
CPLD Combinatorial Timing (5 V ± 10%)
NOTE: 1. Fast Slew Rate output available on PA[3:0], PB[3:0], and PD[2:0].
*ZPSD versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com