Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 14Page - STMicroelectronics PSD813F1V Datasheet HTML 15Page - STMicroelectronics PSD813F1V Datasheet HTML 16Page - STMicroelectronics PSD813F1V Datasheet HTML 17Page - STMicroelectronics PSD813F1V Datasheet HTML 18Page - STMicroelectronics PSD813F1V Datasheet HTML 19Page - STMicroelectronics PSD813F1V Datasheet HTML 20Page - STMicroelectronics PSD813F1V Datasheet HTML 21Page - STMicroelectronics PSD813F1V Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
PSD813F1-A
Preliminary
14
Table 7 shows the offset addresses to the PSD813F1 registers relative to the CSIOP base
address. The CSIOP space is the 256 bytes of address that is allocated by the user to the
internal PSD813F1 registers. Table 7 provides brief descriptions of the registers in CSIOP
space. For a more detailed description, refer to section 9.
8.0
PSD813F1
Register
Description
and Address
Offset
Register Name
Port A Port B Port C Port D Other*
Description
Data In
00
01
10
11
Reads Port pin as input,
MCU I/O input mode
Control
02
03
Selects mode between
MCU I/O or Address Out
Stores data for output
Data Out
04
05
12
13
to Port pins, MCU I/O
output mode
Direction
06
07
14
15
Configures Port pin as
input or output
Configures Port pins as
either CMOS or Open
Drive Select
08
09
16
17
Drain on some pins, while
selecting high slew rate
on other pins.
Input Micro
⇔Cell
0A
0B
18
Reads Input Micro
⇔Cells
Reads the status of the
Enable Out
0C
0D
1A
1B
output enable to the I/O
Port driver
Read – reads output of
Output
Micro
⇔Cells AB
Micro
⇔Cells AB
20
20
Write – loads Micro
⇔cell
Flip-Flops
Read – reads output of
Output
Micro
⇔Cells BC
Micro
⇔Cells BC
21
21
Write – loads Micro
⇔cell
Flip-Flops
Mask
22
22
Blocks writing to the
Micro
⇔Cells AB
Output Micro
⇔Cells AB
Mask
23
23
Blocks writing to the
Micro
⇔Cells BC
Output Micro
⇔Cells BC
Flash Protection
C0
Read only – Flash Sector
Protection
PSD/EE
Read only – PSD Security
Protection
C2
and EEPROM Sector
Protection
JTAG Enable
C7
Enables JTAG Port
PMMR0
B0
Power Management
Register 0
PMMR2
B4
Power Management
Register 2
Page
E0
Page Register
Places PSD memory
VM
E2
areas in Program and/or
Data space on an
individual basis.
Table 7. Register Address Offset
*Other registers that are not part of the I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com