Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V Datasheet(PDF) 59 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 55Page - STMicroelectronics PSD813F1V Datasheet HTML 56Page - STMicroelectronics PSD813F1V Datasheet HTML 57Page - STMicroelectronics PSD813F1V Datasheet HTML 58Page - STMicroelectronics PSD813F1V Datasheet HTML 59Page - STMicroelectronics PSD813F1V Datasheet HTML 60Page - STMicroelectronics PSD813F1V Datasheet HTML 61Page - STMicroelectronics PSD813F1V Datasheet HTML 62Page - STMicroelectronics PSD813F1V Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
Preliminary
PSD813F1-A
55
The
PSD813F1
Functional
Blocks
(cont.)
Control
Direction
VM
Defined In
Defined In
Register
Register
Register
JTAG
Mode
PSDabel
PSDconfiguration
Setting
Setting
Setting
Enable
Declare
1 = output,
MCU I/O
pins only
NA*
0
0 = input
NA
NA
(Note 1)
PLD I/O
Logic
NA
NA
(Note 1)
NA
NA
equations
Data Port
NA
Specify bus type
NA
NA
NA
NA
(Port A)
Address Out
Declare
NA
1
1 (Note 1)
NA
NA
(Port A,B)
pins only
Address In
Logic equation
(Port A,B,C,D)
for Input
NA
NA
NA
NA
NA
Micro
⇔Cells
Peripheral I/O
Logic equations
NA
NA
NA
PIO bit = 1
NA
(Port A)
(PSEL0 & 1)
JTAG ISP
JTAGSEL
JTAG Configuration
NA
NA
NA
JTAG_
(Note 2)
Enable
Table 21. Port Operating Mode Settings
*NA = Not Applicable
NOTE: 1. The direction of the Port A,B,C, and D pins are controlled by the Direction Register ORed with the
individual output enable product term (.oe) from the CPLD AND array.
2. Any of these three methods will enable JTAG pins on Port C.
9.4.2.1 MCU I/O Mode
In the MCU I/O Mode, the microcontroller uses the PSD813F1 ports to expand its own
I/O ports. By setting up the CSIOP space, the ports on the PSD813F1 are mapped into the
microcontroller address space. The addresses of the ports are listed in Table 7.
A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the
Control Register. The MCU I/O direction may be changed by writing to the corresponding
bit in the Direction Register, or by the output enable product term. See the subsection on
the Direction Register in the “Port Registers” section. When the pin is configured as an
output, the content of the Data Out Register drives the pin. When configured as an input,
the microcontroller can read the port input through the Data In buffer. See Figure 25.
Ports C and D do not have Control Registers, and are in MCU I/O mode by default. They
can be used for PLD I/O if equation are written for them in PSDabel.
9.4.2.2 PLD I/O Mode
The PLD I/O Mode uses a port as an input to the CPLD’s Input Micro
⇔Cells, and/or as an
output from the CPLD’s Output Micro
⇔Cells. The output can be tri-stated with a control
signal. This output enable control signal can be defined by a product term from the PLD, or
by setting the corresponding bit in the Direction Register to ‘0’. The corresponding bit in the
Direction Register must not be set to ‘1’ if the pin is defined as a PLD input pin in PSDabel.
The PLD I/O Mode is specified in PSDabel by declaring the port pins, and then writing an
equation assigning the PLD I/O to a port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com