Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 23Page - STMicroelectronics PSD813F1V Datasheet HTML 24Page - STMicroelectronics PSD813F1V Datasheet HTML 25Page - STMicroelectronics PSD813F1V Datasheet HTML 26Page - STMicroelectronics PSD813F1V Datasheet HTML 27Page - STMicroelectronics PSD813F1V Datasheet HTML 28Page - STMicroelectronics PSD813F1V Datasheet HTML 29Page - STMicroelectronics PSD813F1V Datasheet HTML 30Page - STMicroelectronics PSD813F1V Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
Preliminary
PSD813F1-A
23
WRITE AAh to
Address 555h
WRITE 55h to
Address AAAh
WRITE A0h to
Address 555h
Page Write
Instruction
SDP is set
WRITE AAh to
Address 555h
WRITE 55h to
Address AAAh
WRITE A0h to
Address 555h
WRITE Data to
be Written in
any Address
Page Write
Instruction
SDP
Set
SDP
not Set
Write
in Memory
Write Data
+
SDP Set
after tWC
(Write Cycle Time)
WRITE
is enabled
SDP ENABLE ALGORITHM
Figure 3. EEPROM SDP Enable Flowcharts
The
PSD813F1
Functional
Blocks
(cont.)
9.1.1.6.3 EEPROM Software Data Protect (SDP) (cont.)
To enable SDP mode at run time, the MCU must write three specific data bytes at three
specific memory locations, as shown in Figure 3. Any further writes to EEPROM when SDP
is set will require this same sequence, followed by the byte(s) to write. The first SDP enable
sequence can be followed directly by the byte(s) to be written.
To disable SDP mode, the MCU must write specific bytes to six specific locations, as shown
in Figure 4.
The MCU must not be executing code from EEPROM when these instructions are invoked.
The MCU must be operating from some other memory when enabling or disabling SDP
mode.
The state of SDP mode is not changed by power on/off sequences (nonvolatile). When
either the SDP enable or SDP disable instructions are issued from the MCU, the MCU must
use the Toggle bit (status bit DQ6) or the Ready/Busy output pin to check programming
status. The Ready/Busy output is driven low from the first write of AAh @ 555h until the
completion of the internal storage sequence. Data Polling (status bit DQ7) is not supported
when issuing the SDP enable or SDP disable commands.
Note: Using the SDP sequence (enabling, disabling, or writing data) is initiated when
specific bytes are written to addresses on specific “pages” of EEPROM memory, with no
more than 120 µsec between writes. The addresses 555h and AAAh are located on
different pages of EEPROM. This is how the PSD813F1 distinguishes these instruction
sequences from ordinary writes to EEPROM, which are expected to be within a single
EEPROM page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com