Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V Datasheet(PDF) 28 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 24Page - STMicroelectronics PSD813F1V Datasheet HTML 25Page - STMicroelectronics PSD813F1V Datasheet HTML 26Page - STMicroelectronics PSD813F1V Datasheet HTML 27Page - STMicroelectronics PSD813F1V Datasheet HTML 28Page - STMicroelectronics PSD813F1V Datasheet HTML 29Page - STMicroelectronics PSD813F1V Datasheet HTML 30Page - STMicroelectronics PSD813F1V Datasheet HTML 31Page - STMicroelectronics PSD813F1V Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
PSD813F1-A
Preliminary
24
Figure 4. Software Data Protection Disable Flow Chart
9.1.1.6.4 Write OTP Row
Writing to the OTP row (64 bytes) can only be done once per byte, and is enabled by an
instruction. This instruction is composed of three specific Write operations of data bytes at
three specific memory locations followed by the data to be stored in the OTP row (refer to
Table 9). During the write operations, address bit A6 must be zero, while address bits A5-A0
define the OTP Row byte to be written while any EEPROM Sector Select signal (EESi) is
active. Writing the OTP Row is allowed only when SDP mode is not enabled.
9.1.1.7 Programming Flash Memory
Flash memory must be erased prior to being programmed. The MCU may erase Flash
memory all at once or by-sector, but not byte-by-byte. A byte of Flash memory erases to all
logic ones (FF hex), and its bits are programmed to logic zeros. Although erasing Flash
memory occurs on a sector basis, programming Flash memory occurs on a byte basis.
The PSD813F1 main Flash and optional boot Flash require the MCU to send an instruction
to program a byte or perform an erase function (see Table 9). This differs from EEPROM,
which can be programmed with simple MCU bus write operations (unless EEPROM SDP
mode is enabled).
Once the MCU issues a Flash memory program or erase instruction, it must check for the
status of completion. The embedded algorithms that are invoked inside the PSD813F1
support several means to provide status to the MCU. Status may be checked using any of
three methods: Data Polling, Data Toggle, or the Ready/Busy output pin.
WRITE AAh to
Address 555h
WRITE 55h to
Address AAAh
WRITE 80h to
Address 555h
WRITE AAh to
Address 555h
WRITE 55h to
Address AAAh
WRITE 20h to
Address 555h
Page Write
Instruction
Unprotected State
after
tWC (Write Cycle time)
The
PSD813F1
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com