Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V Datasheet(PDF) 92 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 92 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 88Page - STMicroelectronics PSD813F1V Datasheet HTML 89Page - STMicroelectronics PSD813F1V Datasheet HTML 90Page - STMicroelectronics PSD813F1V Datasheet HTML 91Page - STMicroelectronics PSD813F1V Datasheet HTML 92Page - STMicroelectronics PSD813F1V Datasheet HTML 93Page - STMicroelectronics PSD813F1V Datasheet HTML 94Page - STMicroelectronics PSD813F1V Datasheet HTML 95Page - STMicroelectronics PSD813F1V Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
PSD813F1-A
Preliminary
88
-90
-12
-15
Turbo
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Off
Unit
tAVQV (PA)
Address Valid to Data
Valid
(Note 3)
40
45
45
Add 10
ns
tSLQV (PA)
CSI Valid to Data Valid
35
40
45
Add 10
ns
RD to Data Valid
(Notes 1 and 4)
32
35
40
ns
tRLQV (PA)
RD to Data Valid 8031
Mode
38
42
45
ns
tDVQV (PA)
Data In to Data Out Valid
30
35
38
ns
tQXRH (PA)
RD Data Hold Time
0
0
0
ns
tRLRH (PA)
RD Pulse Width
(Note 1)
32
35
38
ns
tRHQZ (PA)
RD to Data High-Z
(Note 1)
25
28
30
ns
Port A Peripheral Data Mode Read Timing (5 V ± 10%)
-90
-12
-15
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tWLQV (PA)
WR to Data Propagation Delay
(Note 2)
35
38
40
ns
tDVQV (PA)
Data to Port A Data Propagation
Delay
(Note 5)
30
35
38
ns
tWHQZ (PA)
WR Invalid to Port A Tri-state
(Note 2)
25
30
33
ns
Port A Peripheral Data Mode Write Timing (5 V ± 10%)
NOTES: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode) signals.
2. WR timing has the same timing as E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port A Data Peripheral Mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
Microcontroller Interface – PSD813F1 AC/DC Parameters
(5V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com