Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R11X Datasheet(PDF) 11 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 11 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R11X Datasheet HTML 7Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
20
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
21
Weatherproof
Teeplugs
Features:
• Up to IP68 versions available
• Various configurations available
• Components are keyway coded to ensure
correct assembly
• All products are quick and simple to install
• Bulkhead/chassis mount options available
(depending on product type)
• Temperature range of –20° to +125°
• Grey colour available on request
TH380 Series
TH382 Series
TH384 Series
Product Code
Poles
IP Rating
Colour
Material
Ø
(mm)
L
(mm)
Max Conductor
Size (mm)
Max Current (A)
Max Voltage (V)
Description
THB.380.A2A
2
20
Black
Nylon 66
19
33
2.5
25
400
Plug
THB.380.A1A
3
20
Black
Nylon 66
19
33
2.5
25
400
Plug
THB.380.B2A
2
20
Black
Nylon 66
19
33
2.5
25
400
Socket
THB.380.B1A
3
20
Black
Nylon 66
19
33
2.5
25
400
Socket
THB.382.A2A
2
40
Black
Nylon 66
19
53
1.5
16
400
Plug
THB.382.A1A
3
40
Black
Nylon 66
19
53
1.5
16
400
Plug
THB.382.B2A
2
40
Black
Nylon 66
19
53
1.5
16
400
Socket
THB.382.B1A
3
40
Black
Nylon 66
19
53
1.5
16
400
Socket
THB.384.A2A
2
68
Black
Nylon 66
27
55
1.5
16
400
Plug
THB.384.A1A
3
68
Black
Nylon 66
27
55
1.5
16
400
Plug
THB.384.B2A
2
68
Black
Nylon 66
27
55
1.5
16
400
Socket
THB.384.B1A
3
68
Black
Nylon 66
27
55
1.5
16
400
Socket
THB.384.3KIT
3
68
Black
Nylon 66
27
55
1.5
16
400
Plug and Socket Kit supplied complete with M20 lock nut for panel mounting
134
Last update: March 2010
136
Last update: March 2010
140
Last update: March 2010
Norme - Standards
Materie prime - Raw materials
Dati tecnici - Technical data
Codice - Part number
T H B . 3 8 5 . XX X
Eventuali modifiche e migliorie sui dati tecnici o sul prodotto potranno essere effettuate senza preavviso.
All technical data or other eventual product modifications and improvements can be carried out without notice
Materia plastica - Plastics
Bussole- Insert
2 -3 Poli
Pin - Crimp
> Per pin cilindrici universali Ø 2
> For universal cylindric pin Ø 2
> Solo parte plastica - Plastic part only
Connessione presa- spina 2-3 poli da parete. Grado di protezione IP68
Facilità di cablaggio .Connessione a bussola o pin a crimpare oppure ibrida
pin/bussola . Aggancio a ghiera.
2-3 poles socket-plug panel connection .IP68 protection
Easy wiring. Pin crimp or bush connection, or hybrid pin crimp/bush.
Screwing clamp.
PA TENTED
TH385
TH385
frutti intercambiabili - interchangeable modules
PA66 UL94 V2 GWT 850°C
Grigio - Grey
RAL 7035
Nero - Black
Acciaio zincato passivato
Zinc plated steel
M3
Gomme - Rubbers
SILICONE - TPE V
Ottone nichelato
Nickel plated brass
AG= Ottone Argentato
Silver plated brass
THB.385.A2A
THB.385.A2C
THB.384.B2A
THB.384.B2C
Grigio - Grey
RAL 7035
Nero - Black
THB.385.A2A.AG
THB.385.A2C.AG
Grigio - Grey
RAL 7035
Nero - Black
THB.384.B2A.AG
THB.384.B2C.AG
Grigio - Grey
RAL 7035
Nero - Black
Nero - Black
Grigio - Grey
RAL 7035
POWER-SOCKET
PLUG
Grigio - Grey
RAL 7035
THB.385.A1A
THB.385.A1C
THB.384.B1A
THB.384.B1C
Grigio - Grey
RAL 7035
Nero - Black
THB.385.A1A.AG
THB.385.A1C.AG
Grigio - Grey
RAL 7035
Nero - Black
THB.384.B1A.AG
THB.384.B1C.AG
Grigio - Grey
RAL 7035
Nero - Black
Nero - Black
POWER-SOCKET
PLUG
?
+
?
+
2 poli
poles
3 poli
poles
Min-Max
Ø cavo - cable
Ø 7÷9,5 mm
CH
19mm
Dado Foro - Hole nut Ø 9,5
Vedi TH023-See TH023 ................
16 A
1,5
IP68
400V
T 85 ° C
Rated current
Impulse withstand voltage
Range of temperature
Cable max
Proof tracking index
16 A
6 KV
0 - 85°C
3G 1,5 H07RN-F
PTI175
PTI175
EN 60998-1:2004
heating resistance
-20°C
+125°C
EN 61984:2001
CH29
Ø27
CH32
M25
72
Last update: March 2010
Norme - Standards
Materie prime - Raw materials
Dati tecnici - Technical data
Codice - Part number
T H B . 3 8 6 . XX X
Last update: March 2010
Eventuali modifiche e migliorie sui dati tecnici o sul prodotto potranno essere effettuate senza preavviso.
All technical data or other eventual product modifications and improvements can be carried out without notice
Materia plastica - Plastics
Bussole- Insert
2 -3 Poli
Pin - Crimp
> Per pin cilindrici universali Ø 2
> For universal cylindric pin Ø 2
> Solo parte plastica - Plastic part only
Connessione presa- spina 2-3 poli da parete autobloccante. Grado di
protezione IP67
Facilità di cablaggio .Connessione a bussola o pin a crimpare oppure ibrida
pin/bussola . Aggancio a ghiera.
2-3 poles socket-plug self-locking panel connection .IP67 protection
Easy wiring. Pin crimp or bush connection, or hybrid pin crimp/bush.
Screwing clamp.
PA TENTED
TH386
TH386
frutti intercambiabili - interchangeable modules
PA66 UL94 V2 GWT 850°C
Grigio - Grey
RAL 7035
Nero - Black
Acciaio zincato passivato
Zinc plated steel
M3
Gomme - Rubbers
SILICONE - TPE V
Ottone nichelato
Nickel plated brass
AG= Ottone Argentato
Silver plated brass
THB.386.A2A
THB.386.A2C
THB.384.B2A
THB.384.B2C
Grigio - Grey
RAL 7035
Nero - Black
THB.386.A2A.AG
THB.386.A2C.AG
Grigio - Grey
RAL 7035
Nero - Black
THB.384.B2A.AG
THB.384.B2C.AG
Grigio - Grey
RAL 7035
Nero - Black
Nero - Black
Grigio - Grey
RAL 7035
POWER-SOCKET
PLUG
Grigio - Grey
RAL 7035
THB.386.A1A
THB.386.A1C
THB.384.B1A
THB.384.B1C
Grigio - Grey
RAL 7035
Nero - Black
THB.386.A1A.AG
THB.386.A1C.AG
Grigio - Grey
RAL 7035
Nero - Black
THB.384.B1A.AG
THB.384.B1C.AG
Grigio - Grey
RAL 7035
Nero - Black
Nero - Black
POWER-SOCKET
PLUG
?
+
?
+
2 poli
poles
3 poli
poles
Min-Max
Ø cavo - cable
Ø 7÷9,5 mm
CH
19mm
Dado Foro - Hole nut Ø 9,5
Vedi TH023-See TH023 ................
16 A
1,5
IP67
400V
T 85 ° C
Rated current
Impulse withstand voltage
Range of temperature
Cable max
Proof tracking index
16 A
6 KV
0 - 85°C
3G 1,5 H07RN-F
PTI175
PTI175
EN 60998-1:2004
heating resistance
-20°C
+125°C
EN 61984:2001
2÷5
Ø27
CH30
25
72
72
146
Last update: March 2010
148
25,5
Ø 28
TH385 Series - Panel Mount
TH386 Series - Panel Mount
THB.385.A2A
2
68
Black
Nylon 66
28
35
1.5
16
400
Chassis mounting plug supplied complete with locknut. For applicable socket see TH384 series
THB.385.B2A
3
68
Black
Nylon 66
28
35
1.5
16
400
Chassis mounting plug supplied complete with locknut. For applicable socket see TH384 series
THB.386.A2A
2
67
Black
Nylon 66
30
35
1.5
16
400
Self locking chassis mounting plug (no rear locknut required but requires locking tool/dust cap).
THB.386.B2A
3
67
Black
Nylon 66
30
35
1.5
16
400
Self locking chassis mounting plug (no rear locknut required but requires locking tool/dust cap).
6DB00200C
Black
Nylon 66
Dust Cap / locking tool
THB.386.A1A-KIT
3
67
Black
Nylon 66
30
78
1.5
16
400
Kit comprising of self locking chassis mounting plug (no rear locknut required), mating socket and dust cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com