Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R11X Datasheet(PDF) 15 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 15 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R11X Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
28
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
29
Weatherproof
TeeBlock
TH026 Style PA66 FV V0 125°C
TH027 Style PA66GF V0 125°C
TH029 T Style PA66FV V0 125°C
TH032 Style PA66GF V0 125°C
TH033 Style PA66GF V0 125°C
Features:
• Unique T style connector TH029 saves installation
time and effort
• Range includes insulation piercing options
• Large conductor size capability with rising clamp
fitting of TH027 enables easier installation
• The 3 and 5 pole options of TH026 gives flexability
of configuration when used with the Teebox
• TH032, 4+4 terminals colour for LED applications
Product Code
Poles
Colour
Material
H
(mm)
W
(mm)
L
(mm)
Insert Type
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
Description
THB.026.A1A
5
Brown
Nylon 66
16.4
20.6
32
Through
4
32
450
ENEC approved Terminal block, for use with Teebox style enclosures
THB.026.A2A
5
Brown
Nylon 66
16.4
20.6
32
Wire Protected
4
32
450
ENEC approved Terminal block, for use with Teebox style enclosures
THB.026.B1A
3
Brown
Nylon 66
16.4
20.6
21
Through
4
32
450
ENEC approved Terminal block, for use with Teebox style enclosures
THB.026.B2A
3
Brown
Nylon 66
16.4
20.6
21
Wire Protected
4
32
450
ENEC approved Terminal block, for use with Teebox style enclosures
THB.027.A1A
3
Brown
Nylon 66GF
16
29
43.5
Rising Clamp
6
32
450
Heavy duty terminal block, for use with Teebox style enclosures
THB.029.A1A
3
Brown
Nylon 66
15.8
20.6
38.5
Barrier
4
32
450
Unique T style terminal block for use with Teebox style enclosures
especially TH211 for ease of cabling without forming
THB.032.A4B
4+4
Brown
Nylon 66GF
21
20.8
50.7
Barrier
4
32
450
Four pole terminal block with two conductor positions per pole on
both connecting faces. Suitable for use in TH209 and Th211 TeeBox
THP.032.A4B
4+4
Brown
Nylon 66GF
21
20.8
50.7
Insulation piercing screw & barrier
1.5
17.5
450
Four pole insulation piercing terminal block with two conductor positions per
pole on both connecting faces Suitable for use in TH209 and TH211 TeeBox
THB.033.A4A
4
Brown
Nylon 66GF
See Line Diagrams for details
Through
4
32
450
Four pole terminal block in 2x2 pole hinged configuration. Can be mounted
independantly or clipped together to use in large (32mm) TeeTube products
THB.033.A4C
4
Brown
Nylon 66GF
Wire Protected
2.5
32
450
Four pole terminal block in 2x2 pole hinged configuration. Can be mounted
independantly or clipped together to use in large (32mm) TeeTube products
THP.033.A4A
4
Brown
Nylon 66GF
Insulation piercing screw & barrier
1.5
17.5
450
Four pole terminal block in 2x2 pole hinged configuration. Can be mounted
independantly or clipped together to use in large (32mm) TeeTube products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com