Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R11X Datasheet(PDF) 13 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 13 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R11X Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
24
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
25
Weatherproof
TeeBox
TH110 Series
TH112 Series
TH200 Series
TH209 Series
Features:
• Comprehensive range of connection options
• Protection rating up to IP68 depending on product
• Unique 3 pole T connector TH029 available for use
in TH209 & TH211 range, no cable forming required
• TH211 available as full KIT version complete with
TH029 fitted
• Power distribution products available in 3 port
(TH630) and 4 port (TH62) versions
• Temperature range of –20° to +125°
Product Code IP Rating Poles
Colour
Material
Cable
Entries
Insert Type
H
(mm)
W
(mm)
L
(mm)
Max Cable
Diameter (mm)
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
Description
THB.110.C3B
44
3
Natural
Nylon 66
2
Through
12.5
27
75
10
2.5
24
450
In-line connector with integrated terminals and cable retention clamps.
THB.110.C6B
44
3
Natural
Nylon 66
2
Wire Protected
11.5
27
75
10
2.5
24
450
In-line connector with integrated terminals and cable retention clamps.
THP.112.A3A
54
3
Black
Nylon 66
2
Insulation piercing
screw and crimp
12.6
21.2
46.3
1.5
17.5
450
Fast fit in-line connector with insulation screw to crimp terminals.
6000287CA
Natural
Nylon 66
2
17
36
75
Screw mount carrier with cable retension clamps for TH112 connectors.
THK.200.C2E
67
3
Black
Nylon 66
3
Barrier
20
41
82
9.5
2.5
25
450
T splitter (three cables), includes terminal block and fixing kit
THA.209.A1B
54
Black
Nylon 66
4
28
65
108
14
Junction box suitable for use directly with terminal block TH032
or with TH026 / TH027 with support plate 6000175CC
THA.209.A1A
68
Black
Nylon 66
4
28
65
108
14
THA.209.A1A8PKIT
68
8
Black
Nylon 66
4
Barrier
28
65
108
14
4
32
450
Junction box supplied complete with 8 pole
(1x3 and 1x5 pole) connector mounted on support plate
THA.209.D1B
54
Black
Nylon 66
3
28
65
108
14
Junction box suitable for use directly with terminal block TH032
or with TH026 / TH027 with support plate 6000175CC
THA.209.D1A
68
Black
Nylon 66
3
28
65
108
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com