Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R11X Datasheet(PDF) 33 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 33 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R11X Datasheet HTML 27Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 28Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 29Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 30Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 31Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 32Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 33Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 34Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 35Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
64
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
65
Emech
Nylon Pillar Terminal Blocks
Features:
• New Kwik Snap range saves time, saves money
• Large diverse range of pillar style terminal blocks
avaliable
• Product avaliable in nylon pa66 and no flame,
depending on item
• Steel insert products avaliable
• Raised base is standard across range
VDE Approved Kwik Snap Terminal Blocks In Polypropylene
12 Pole Nylon Pillar Terminal Block
12 Pole Pillar Terminal Block, High Temp. Glass Filled Nylon
12 Pole Pillar Terminal Block, High Temp. Glass Filled Nylon With Wire Protection
12 Pole Nylon Pillar Terminal Block, Wire Protection
Product Code
Colour
Material
H
(mm)
W
(mm)
L
(mm)
Fixing
Hole (mm)
Pitch
(mm)
Flamibility Rating
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
Poles
Temp Rating
HYKS-02412PP
White
Polypropylene
12.2
17.8
93.5
3.2
8
94-V2
4.0
24
450
12
T85-T110°C
HYKS-03212PP
White
Polypropylene
14
20
116.5
3.2
10
94-V2
6.0
32
450
12
T85-T110°C
HYKS-05712PP
White
Polypropylene
16.3
23.4
139.3
4.0
12
94-V2
10.0
57
450
12
T85-T110°C
HYKS-07612PP
White
Polypropylene
20.9
27.7
169.5
4.0
14.5
94-V2
16.0
76
450
12
T85-T110°C
PA35
Natural
Nylon PA6.6
15.2
15
93.5
2.6
8
UL94-V2
2.5
24
450
1 to 12
-5 to +125
PA27XA1F01-12
Natural
Nylon PA6.6
17.8
20
117
3.2
10
UL94-V2
2.5
32
450
1 to 12
-5 to +125
PA44
Natural
Nylon PA6.6
20
23
139.3
3.2
12
UL94-V2
6
41
750
1 to 12
-5 to +110
PA76
Natural
Nylon PA6.6
25.5
25
174.5
4.2
15
UL94-V2
10
57
750
1 to 12
-5 to +125
PA220
Natural
Nylon PA6.6
32
30
175.2
4.5
15
UL94-V2
16
76
750
1 to 12
-5 to +110
PA35FV
Red/Brown
Polyamide Glass Fibre reinforced
15.2
15
93.5
2.6
8
UL94-V0
2.5
24
450
1 to 12
-5 to +150
FV27XA1F01-12
Red/Brown
Polyamide Glass Fibre reinforced
17.8
20
117
3.2
10
UL94-V0
4
32
450
1 to 12
-5 to +150
PA44FV
Red/Brown
Polyamide glass fibre reinforced
20
23
139.3
3.2
12
UL94-V0
6
41
750
1 to 12
-5 to +150
PA76FV
Red/Brown
Polyamide Glass Fibre reinforced
25.5
25
174.5
4.2
15
UL94-V0
10
57
750
1 to 12
-5 to +150
PA220FV
Red/Brown
Polyamide Glass Fibre reinforced
32
30
175.2
4.5
15
UL94-V0
16
76
750
1 to 12
-5 to +150
PA35FVWP
Red/Brown
Polyamide Glass Fibre reinforced
15.2
15
93.5
2.6
8
UL94-V0
1.5
17.5
450
1 to 12
-5 to +150
FV27XA1F01-12P
Red/Brown
Polyamide Glass Fibre reinforced
17.8
20
117
3.2
10
UL94-V0
2.5
24
450
1 to 12
-5 to +150
PA44FVWP
Red/Brown
Polyamide Glass Fibre reinforced
20
23
139.3
3.2
12
UL94-V0
4
32
750
1 to 12
-5 to +150
PA76FVWP
Red/Brown
Polyamide Glass Fibre reinforced
25.5
25
174.5
4.2
15
UL94-V0
6
41
750
1 to 12
-5 to +150
PA35WP
Natural
Nylon PA6.6
15.2
15
93.5
2.6
8
UL94-V2
1.5
17.5
450
1 to 12
-5 to +125
PA27XA1F01-12P
Natural
Nylon PA6.6
17.8
20
117
3.2
10
UL94-V2
2.5
24
450
1 to 12
-5 to +125
PA44WP
Natural
Nylon PA6.6
20
23
139.3
3.2
12
UL94-V2
4
32
750
1 to 12
-5 to +110
PA76WP
Natural
Nylon PA6.6
25.5
25
174.5
4.2
15
UL94-V2
6
41
750
1 to 12
-5 to +125
Kwik Snap is a new range of Polypropolyne terminal blocks that can be 'snapped' into useable pole
sizes without tools but with the pole diveders
still being capable of supporting fixing screws.
Supplied in 24-72 Amp options, these products
offer a superior quality with a rapid installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com