Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R11X Datasheet(PDF) 5 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 5 Page - Hylec-APL Ltd. All rights reserved.

  DPB22-R11X Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 2Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 3Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 4Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 5Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 6Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 7Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
8
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
9
22mm Switches & Pilot Lamps
Features:
• Non Illuminated push button switches avaliable
with 12 different heads
• All switches complete with 1 NO and 1 NC
contact blocks
• Mechanical life - 1 million operations
• Contact material - Silver Bifurcated and serrated
• Contact rating - AC12 Resistive / AC15
Electromagnetic - 240V (3A) / 415V (1.5A)
• Choice Of Cap colours
• Insulation resistance - >100MOhm @ 500VDC
• Different voltage ratings are available
• Operating Temperature -10 to +65degC
Product
Code
Suffix x
Suffix y
IP
Rating
Colour
Description
DLD22-xy
x = (R)ed (G)reen
(Y)ellow (W)hite
(S)Blue
y = Lamp Volt
(A)AC/DC 24V
(E)AC/DC 110V
(I)AC/DC 240V
IP66
Red / Green / Yellow / White / Blue
Mono block, flush head
DPL22-xy
IP66
Red / Green / Yellow / White / Blue
Round head, complete with BA9 LED lamp
22mm LED Pilot Lamps
22mm Push Buttons - Non Illuminated
22mm Push Buttons - LED Illuminated
1
22mm Selector / Key Switch - Non Illuminated
Accessories
DPB22-D11x
x = (R)ed (G)reen
(Y)ellow (B)lack
(W)hite (S)Blue
N/A
IP56
Red / Green
Double, momentary action
DPB22-E11 x
N/A
IP66 Red / Green / Yellow / Black / White / Blue
Momentary, elevated head
DPB22-F11x
N/A
IP66 Red / Green / Yellow / Black / White / Blue
Momentary, flush head
DPB22-H11x
N/A
IP56
Red
‘E-Stop’ Push / Pull, twist to release,
EN418 fail safe, 40mm mushroom head
DPB22-K11x
N/A
IP56
Red
‘E-Stop’, key to release, EN418 fail safe,
40mm mushroom head
DPB22-L11x
N/A
IP66 Red / Green / Yellow / Black / White / Blue
Latching , flush head
DPB22-M11x
N/A
IP56
Red / Green / Yellow
Momentary, 40mm mushroom head
DPB22-P11x
N/A
IP66
Red / Green / Yellow / White / Blue
Latching , elevated head
DPB22-R11x
N/A
IP56
Red
‘E-Stop’, twist to release, EN418
fail safe, 40mm mushroom head
DPB22-S11x
N/A
IP56
Red
‘E-Stop’ Push / Pull, twist to release,
EN418 fail safe, 35mm mushroom head
DLB22-D11xy
x = (R)ed (G)reen
(Y)ellow (W)hite
y = Lamp Volt
(A)AC/DC 24V
(E)AC/CD 110V
(I)AC/DC 240V
IP56
Red / Green
Double, momentary action
DLB22-E11 xy
IP66
Red / Green / Yellow / White
Momentary, elevated head
DLB22-F11xy
IP66
Red / Green / Yellow / White
Momentary, flush head
DLB22-L11xy
IP66
Red / Green / Yellow / White
Latching , flush head
DLB22-M11xy
IP56
Red / Green / Yellow
Momentary, 40mm mushroom head
DLB22-P11xy
IP66
Red / Green / Yellow / White
Latching , elevated head
DLB22-R11xy
IP56
Red
‘E-Stop’, EN418 fail safe,
40mm mushroom head
Product
Code
Suffix x
Suffix y
IP
Rating
Colour
Description
DSS22-K111B
Black
N/A
IP56
Black
2 position, spring return, key
DSS22-K211B
N/A
IP56
Black
2 position, maintained, key
DSS22-K011B
N/A
IP56
Black
3 position, spring return, key
DSS22-K311B
N/A
IP56
Black
3 position, maintained, key
DSS22-S111B
N/A
IP56
Black
2 position selector, spring return, short lever
DSS22-S211B
N/A
IP56
Black
2 position selector, maintained, short lever
DSS22-S111B
N/A
IP56
Black
2 position selector, spring return, short lever
DSS22-S211B
N/A
IP56
Black
2 position selector, maintained, short lever
DSS22-L111B
N/A
IP56
Black
2 position selector, spring return, long lever
DSS22-L211B
N/A
IP56
Black
2 position selector, maintained, long lever
DSS22-L111B
N/A
IP56
Black
2 position selector, spring return, long lever
DSS22-L211B
N/A
IP56
Black
2 position selector, maintained, long lever
DCB-01
N/C contact block (1b)
DCB-10
N/O contact block (1a)
DM01-0Y
Yellow
Yellow shroud
DM01-0W
White
White shroud
DPB22-R01C
Yellow
‘Emergency Stop’ Yellow legend plate
DPPB22-01C
Black
Legend holder
DPB22-xx
xx =
(01)On, (02)Off, (03)Stop, (04)Start, (05)FWD, (06)REV, (07)Up,
(08)Down, (09)Run, (10)Off On, (11)OI, (12) On Off On,
(13) FWD Off REV, (14) Man Off Auto, (50) Blank
Standard legend label
DBA9-xy
x = (R)ed (G)reen
(Y)ellow (W)hite
(S)Blue
y = Lamp Volt
(A)AC/DC 24V
(E)AC/CD 110V
(I)AC/DC 240V
Red / Green / Yellow / White / Blue
BA9 LED Lamp
DBA9-T2
BA9 Lamp extraction tool
DBA9-H
Lampholder
DB22-H06L
Clear
Polycarbonate
Clear
Transparent padlock cover
DPB22-D06
Clear
Transparent rubber boot
for rectangular switch
DPPB-P06
Rubber cap for round push button
DPPB-02T
Grey
Fixing nut tool
22mm Selector / Key Switch - LED Illuminated
Other Switch Styles Avaliable
• IP56
• Selector switch
• Normal shaft size
• 2 & 3 position
• IP56
• Selector switch
• Long shaft size
• 3 positions
• IP56
• Selector switch
• Long shaft size
• 2 positions
Control Stations & Enclosures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com