Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R11X Datasheet(PDF) 16 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 16 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R11X Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
30
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
31
Weatherproof
TeeDrum
TeeDrum - Semi Housed
TeeDrum
TeeDrum - Semi Housed Mounting Rails
Features:
• The TeeDrum solution can be used as a stand alone
connectors or installed in teetube
• TeeDrum solutions have been designed to
guarantee saftey and reliabilty of the connections
• The combination of the TeeDrum & teetube solution
offers protection upto IP68
• TH021 is finger safe
Product Code
IP Rating
Poles
Colour
Material
Ø
(mm)
L
(mm)
Insert Type
Max Conductor Size
(mm)
Max
Current (A)
Max
Voltage (V)
Description
THB.021.C1A
20
2
Black / Brown
Nylon 66
22
26
Barrier
4
32
450
Semi housed Cylindrical terminal block. Suitable for stand-alone
use or in conjuntion with mounting rail accessories as below
THB.021.A1A
20
3
Black
Nylon 66
22
26
Barrier
4
32
450
Semi housed Cylindrical terminal block. Suitable for stand-alone
use or in conjuntion with mounting rail accessories as below
THB.021.B1A
20
5
Black
Nylon 66
26
26
Barrier
4
32
450
Semi housed Cylindrical terminal block. Suitable for stand-alone
use or in conjuntion with mounting rail accessories as below.
THB.020.A1A
00
3
Black
Nylon 66
18
26
Barrier
4
32
450
THB.020.B1A
00
5
Black
Nylon 66
22
26
Barrier
4
32
450
THD.020.D1A
00
6
Brown
Nylon 66
22
26
Barrier
4
32
450
THB.020.C2A
00
3+3
Brown
Nylon 66
22
26
Through
4
32
450
Cylindrical terminal block. 3 Poles with 2 conductor connections per pole.
6000048KC
6000047KC
Finger Safe
L
Ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com