Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060433 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 84060433
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060433 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 84060433 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 13Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 14Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 15Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 16Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
4/42
4
OAC24
84 110 330
24
18 - 32
1
13
2000
120 V a
12 - 140 V a
400 Vpeak
3 mArms
200
3.5 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
Other information
UL approved (E46203) / CSA certified (38595)
For mounting boards, see pages 4/60 to 4/69.
OAC5
84 110 310
5
2.75 - 8
1
20
220
120 V a
12 -140 V a
400 Vpeak
3 mArms
200
3.5 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
OAC5AH
84 110 011
5
2.75 - 8
1
20
220
240 V a
24 - 280 V a
600 Vpeak
6 mArms
200
5 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
0.1
8.33
4000
8
47 - 63
OAC5A
84 110 311
5
2.75 - 8
1
20
220
240 V a
24 - 280 V a
600 Vpeak
6 mArms
200
3.5 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
ODC5
84 110 410
5
2.75 - 8
1
18
250
5 - 48 V c
3 - 60 V c
60 V c
10 µA
-
3 A
10 mA
5 A
1.5
-30 +80
-40 +100
0.1
0.75
4000
8
c
V c
V c
V c
mA
Ω
V/µs
V
°C
°C
ms
ms
V a
pF
Hz
Types
Part numbers
Input characteristics (at ambient 25 °C)
Nominal control voltage
Control voltage range
Voltage drop
Operating current
Internal resistance
Output characteristics (at ambient 25 °C)
Nominal voltage
Operating voltage range
Peak voltage
Max leakage current
Static dv/dt - off-state
Output current
Holding current
Current surge (for 1 cycle in a and 1 s in c)
Voltage drop - on-state
General characteristics
Temperature
Use
limits
Stored
Response time
Turn-on
Turn-off
I/O isolation
I/O capacity (typical)
Operating frequency
Connections
s
Single channel plug-in module
s
Input : 5 V
c
c or 24 V c
c
s
Output :
a
a TRIAC
110 V
a
a or 240 V a
a
5-48 V
c
c
s
Current : 3 to 5 A
s
Synchronous switching
s
Standard industrial casing
Output modules - Standard range 15.24 mm
2
1
3
4
3,3k
+
Rc
+
V a
V a
Logic power
supply V c
Input
* The load may be wired on A or B.
Load*
(A)
Load*
(B)
Screw
terminal
LED
5 A fuse
Tracks on
edge of male
board
Zero
voltage
circuit
+
+
2
1
3
4
3,3k
+
Rc
+ V c
- V c
Logic power
supply V c
Input
* The load may be wired on A or B. To avoid
damage to the I/O module, inductive DC
loads must not contain a diode.
Load*
(A)
Load*
(B)
Screw
terminal
LED
5 A fuse
Tracks on
edge of male
board
Amplifier
Part of a
PB series
I/O module
Mounting
board
Plug-in
module
with
a output
Part of a
PB series
I/O module
Mounting
board
Plug-in
module
with
c output
a output module
c output module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com