Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060433 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # 84060433
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060433 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 84060433 Datasheet HTML 18Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 19Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
4/53
4
1,27
5,08
41,15
44,45
38,10
3,56
5,08
12
+
+
1
3
4
4,7k
+
Rc
2
-
+
+
1
3
4
4,7k
+
Rc
2
C4OAC
84 116 310
4 - 32
1
22
Regulated input
120 V a
12 - 140 V a
600 V
2 mA
200
3 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
s
New industrial standard
s
Status display LED
s
Single channel plug-in module
s
Replaceable protective fuse
s
Regulated input : 4 to 32 V
c
c
s
Output : 110 V
a
a or 220 V a
a
5-48 V
c
c
s
Current : 3 A
Output modules - C4 range
Types
Part numbers
Input characteristics
Nominal control voltage
Voltage drop
Maximum current
Input resistance
Output characteristics
Nominal voltage
Operating voltage range
Peak voltage
Max leakage current
dv/dt
Output current
Holding current
Current surge (for 1 cycle in a and 1 s in c)
Voltage drop - on-state
General characteristics
Temperature
Use
limits
Stored
Response time
Turn-on
Turn-off
I/O isolation
I/O capacity (typical)
Operating frequency
Wiring diagrams
V c
V c
mA
V/µs
V
°C
°C
ms
ms
V a
pF
Hz
C4OACA
84 116 311
4 - 32
1
22
Regulated input
240 V a
24 - 280 V a
600 V
4 mA
200
3 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
C4ODC
84 116 410
4 - 32
1
16
Regulated input
5 - 48 V c
5 - 60 V c
60 V c
10 µA
-
3 A
10 mA
5 A
1.6
-30 +80
-40 +100
0.05
0.05
4000
8
c
1
Dimensions
Other information
To order, specify :
UL approved (E46203) / CSA certified (38595)
For mounting boards, see pages 4/79 to 4/83.
Standard products
Part number
Example : Output module - C4 range -
84 116 311
1
a output module
c output module
Mounting board
Screw
terminal
Load
or
Load
Zero voltage
circuit
Screw
terminal
V a output
V c output
+ V c
Module
Mounting board
Module
Load
or
Load
+ V c
Connector
Connector
Ampli
LED
Fixing
holes Ø4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com