Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060433 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 84060433
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060433 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 84060433 Datasheet HTML 15Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 16Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 17Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 18Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 19Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
4/48
4
SMIAC5E
84 113 112
24 V a
18 - 36 V a
2
10 mArms
1 mArms
1.5 mArms
10 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
s
Single channel plug-in module
s
Input : 24 V
a
a / 110 V a
a / 240 V a
a
5-28 V
c
c / 12-48 V c
c
s
Output : open collector
5 V
c
c or 24 V c
c
s
Standard industrial casing
Input modules - SM range
SMIAC5
84 113 110
120V a
90 - 140 V a
28
5 mArms
2 mArms
2.5 mArms
50 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
SMIAC5A
84 113 111
240 V a
180 -280 V a
75
5 mArms
1.5 mArms
2 mArms
50 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
SMIDC5
84 113 210
5 - 28 V c
3.3 - 32 V c
1
34 mA
1 mA
1.5 mA
2 V c
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
1
1
4000
8
c
SMIDC5N
84 113 212
12 - 48 V c
10 - 60 V c
2
34 mA
1 mA
1.5 mA
4 V c
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
5
5
4000
8
c
Types
Part numbers
Input characteristics (at ambient 25 °C)
Nominal voltage
Operating voltage range
Max input resistance
Max input current
Current drop
Current authorised when not operating
Voltage authorised when not operating
Output characteristics (at ambient 25 °C)
Logic voltage
Logic voltage range
Logic current
Max I power supply output in OFF state
Max output transistor voltage
Max output transistor current
Max leakage current
Residual voltage
General characteristics
Temperature
Use
limits
Stored
Response time
Turn-on
Turn-off
I/O isolation
I/O capacity (typical)
Operating frequency
Connections
k
Ω
V c
V c
mA
µA
V c
mA
µA
V c
°C
°C
ms
ms
V a
pF
Hz
2
1
3
4
5
3,3k
+
Logic power
supply V c
Output
Logic ground
(common)
V a
V a
Screw
terminal
2
1
3
4
5
3,3k
+
+
+
Logic power supply
V c
Output
Logic ground
(common)
V c
V c
Screw
terminal
LED
5 A fuse
Part of an I/O
module
PB series
Mounting board
Plug-in
module
with
a input
Part of an I/O
module
PB series
Mounting board
Plug-in
module
with
c input
Schmitt trip device
Tracks on
edge of male
board
Tracks on
edge of male
board
Schmitt trip
device
Other information
UL approved (E46203) / CSA certified (38595)
For mounting boards, see pages 4/74 to 4/78.
a input module
c input module
LED
5 A fuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com