Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060433 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 84060433
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060433 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 84060433 Datasheet HTML 16Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 17Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 18Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 19Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
4/49
4
SMIAC24
84 113 130
120 V a
90 - 140 V a
28
5 mArms
2 mArms
2.5 mArms
50 V a
24
20 - 30
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
SMIAC24A
84 113 131
240 V a
180 - 280 V a
75
5 mArms
1.5 mArms
2 mArms
50 V a
24
20 - 30
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
SMIDC24
84 113 230
5 - 28 V c
3.3 - 32 V c
1
34 mA
1 mA
1.5 mA
2 V c
24
20 - 30
16
10
30
50
10
0.2
-30 +80
-40 +100
1
1
4000
8
c
1
Dimensions
Dimensions in mm. Tolerance : ± 0.50.
Ø 1,1
1
2
3
4
5
43,2
40,6
7,6
17,8
30,5
35,6
25,4
Plastic clip fitting into
a 2.4 mm hole
Casing colour :
a : Yellow
c : White
To order, specify :
Part number
Example : Input module - SM range - 84 113 110
1
Standard products,
non stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com