Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060433 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 84060433
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060433 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 84060433 Datasheet HTML 35Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 36Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 37Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 38Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 39Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 40Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 41Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 42Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
4/29
4
16,0
14,0
12,0
10,0
8,0
6,0
18,0
20,0
-20
-10
10
0
203040
50
60 70
80
2,0
°C/W
1,5
°C/W
1,0
°C/W
0,7
°C/W
0,5
°C/W
To order, specify:
Ambient temperature (°C)
20 A version
25,4
2xØ 5,05
15,24
10,4
6,35
66,8
57,15
46,23
5,08
Output specifications (at 25 °C)
Voltage range (Vrms max.)
Peak voltage - t = min (V)
Off-state leakage at Vmax and 25 °C
Standard - with RC circuit (mA)
Low off-state leakage - no RC circuit (mA)
Static dv/dt
Standard - with RC circuit (V/µs)
Low off-state leakage - no RC circuit (V/µs)
Peak voltage (A)
Minimum current (mArms)
Max. 1-cycle surge (Apeak)
Max. 1-second surge (Apeak)
On-state voltage drop
at I max (Vpeak)
I2t (t = 10 ms) (50 Hz 1/2 wave) (A2S)
I2t (t = 8.33 ms) (60 Hz 1/2 wave) (A2S)
Supply frequency range (Hz)
Rth junction / casing (°K/W)
Control input characteristics
Input voltage (V)
Drop-out voltage (V)
Maximum current (mA)
36-530 V a version
Zero voltage
On-delay response time
Zero voltage
Instantaneous (ms)
Off-delay response time
Characteristics
Temperature
Use
limits
Stored
Input to output insulation voltage (Vrms)
Breakdown voltage (Vrms)
Input/output capacitance (pF)
Dimensions
24-280
36-530
600
800
4.2
5.3
0.1
0.1
500
500
250
250
12
20
100
100
120
200
36
60
1.65
1.55
55
55
50
50
47 to 63
3
2.2
4 to 15 c
1
32 ma@ 15 V c
63 ma@ 15 V c
0.5 cycle max.
0.1
0.5 cycle max.
-20 to 80 °C
-40 to 100 °C
4000
2500
8
Part numbers
Rating
Output
Switching
RC
voltage
circuit
12 A
24 - 280 V a
zero voltage
No
84 132 000
12 A
24 - 280 V a
zero voltage
Yes
84 132 200
12 A
24 - 280 V a
instantaneous
No
84 132 100
12 A
24 - 280 V a
instantaneous
Yes
84 132 300
12 A
36 - 530 V a
zero voltage
No
84 132 400
12 A
36 - 530 V a
zero voltage
Yes
84 132 600
12 A
36 - 530 V a
instantaneous
No
84 132 500
12 A
36 - 530 V a
instantaneous
Yes
84 132 700
20 A
24 - 280 V a
zero voltage
No
84 132 010
20 A
24 - 280 V a
zero voltage
Yes
84 132 210
20 A
24 - 280 V a
instantaneous
No
84 132 110
20 A
24 - 280 V a
instantaneous
Yes
84 132 310
20 A
36 - 530 V a
zero voltage
No
84 132 410
20 A
36 - 530 V a
zero voltage
Yes
84 132 610
20 A
36 - 530 V a
instantaneous
No
84 132 510
20 A
36 - 530 V a
instantaneous
Yes
84 132 710
Connection
Curves for temperature-dependent derating
Extra-slim solid state relay - GZ range
s
Low-cost solid state relay - Triac output
s
Extra-slim casing
s
Output current 12 and 20 A
s
Output voltages 24-280 V
a
a and 36-530 V a
a
s
Control input 4-15 V
c
c
s
Version with low off-state leakage (no RC circuit)
s
Optical isolation 4 KV
s
UL - cUL approval and CE marking
1
Part number
Example: Extra-slim solid state relay -
GZ range - 84 132 000
1
Standard products
Standard products,
non stocked
1
2
3
4
+
5,0
6,0
7,0
8,0
9,0
10,0
11,0
12,0
20
30
40
50
60
70
2,0
°C/W
1,5
°C/W
1,0
°C/W
0,7
°C/W
0,5
°C/W
80
Ambient temperature (°C)
12 A version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com