Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060433 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 84060433
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060433 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 84060433 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060433 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
4/16
4
Control specifications
4-32 VDC
18-36 VAC/DC
90-280VAC/DC
Drop-out voltage
1V
1V
10V
Max. regulated current (mA)
14
20
8.5
Turn-on time (ms) (zero voltage relay)
8.33 (60Hz) - 10 (50Hz)
20
20
Turn-on time (ms) (instantaneous relay)
0.1
0.1
0.1
Turn-off time (ms)
8.33 (60Hz) - 10 (50Hz)
30
30
Output specifications
24-280 VAC
48-660 VAC
Peak voltage not rep. (Vp)
600
1200
Off-state leakage (@ Vmax and T=25°C)
2.5 - 4.25
2.75 - 4.75
Max. current (A)
10
25
50
75
100
125
Minimum current (mA)
100
100
100
100
100
100
Max. non-rep. 1 s surge (T=25°C) (A)
80
150
235
300
360
510
Max. non-rep. 1-cycle surge (T=25°C) (A)
300
500
780
1000
1200
1700
|2t (50Hz-60Hz) (A2S)
375-450
1041-1250
2535-3042
4166-5000
6000-7000
12041-14450
Voltage drop at Imax (T=25°C) (V)
1.4
1.4
1.35
1.3
1.3
1.25
Static dV/dt (V/µs)
500
500
500
500
500
500
Thermal resistance Junction/to casing (°C/W)
0.4
0.4
0.25
0.155
0.155
0.15
GN. 10 AMP SSR (1200 & 600 V)
10,0
8,0
6,0
4,0
2,0
0,0
20 25 30 35 40 45 50 55 60 65 70 75 80
3,0
°C/W
7,0
°C/W
5,0
°C/W
GN. 25 AMP SSR (1200 & 600 V)
25,0
20,0
15,0
10,0
5,0
0,0
20 25 30 35 40 45 50 55 60 65 70 75 80
1,0
°C/W
1,7
°C/W
1,5
°C/W
3,0
°CW
2,0
°CW
GN. 50 AMP SSR (1200 & 600 V)
50,0
40,0
30,0
20,0
10,0
0,0
20 25 30 35 40 45 50 55 60 65 70 75 80
0,5
°C/W
1,0
°C/W
0,7
°C/W
2,0
°C/W
1,5
°C/W
GN. 75 AMP SSR (1200 & 600 V)
75,0
50,0
25,0
0,0
20 25 30 35 40 45 50 55 60 65 70 75 80
0,4
°C/W
0,7
°C/W
0,5
°C/W
1,5
°C/W
1
°C/W
GN. 100 AMP SSR (1200 & 600 V)
100,0
90,0
80,0
70,0
0,0
10,0
20,0
30,0
40,0
50,0
60,0
10
20
30
40
50
60
70
80
0
0,25
°C/W
0,5
°C/W
0,4
°C/W
1,0
°C/W
0,7
°C/W
GN. 125 AMP SSR (1200 & 600 V)
125,0
100,0
75,0
0,0
25,0
50,0
10
20
30
40
50
60
70
80
0
0,25
°C/W
0,5
°C/W
0,4
°C/W
1,0
°C/W
0,7
°C/W
Ambient temperature (°C)
HEATSINK
Ambient temperature (°C)
HEATSINK
Ambient temperature (°C)
HEATSINK
Ambient temperature (°C)
HEATSINK
Ambient temperature (°C)
HEATSINK
Ambient temperature (°C)
HEATSINK
Thermal curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com