Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 5M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E32-R16 5M Datasheet HTML 2Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 3Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 4Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
E3X-HD
6
Models for Detection without Background Interference
Transparent Object Detection (Retro-reflective Models)
Transparent Object Detection (Limited-reflective Models)
Chemical-resistant, Oil-resistant Models
*1. The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
*2. Even if there is no sensing object, the Sensor will detect light that is reflected by the fluororesin.
Bending-resistant Models
Sensing method
Sensing direction
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Limited-reflective
Flat-view
E32-L16-N 2M
0 to 15
0 to 12
E32-L24S 2M
0 to 4
Side-view
E32-L25L 2M
5.4 to 9 (center 7.2)
Sensing method
Feature
Size
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Retro-reflective
Film detection
M3
E32-C31 2M
+E39-F3R
+E39-RP37
250
200
---
Square
---
E32-R16 5M
150 to 1,500
Threaded
M6
E32-R21 2M
10 to 250
Hex-shaped
E32-LR11NP 2M
+E39-RP1
1,350
1,200
1,000
550
Sensing method
Feature
Sensing direction
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Limited-reflective
Small size
Flat-view
E32-L24S 2M
0 to 4
Standard
E32-L16-N 2M
0 to 15
0 to 12
Glass substrate
alignment, 70
°C
E32-A08 2M
10 to 20
---
Standard/long-distance
E32-A12 2M
12 to 30
---
Side-view form
Side-view
E32-L25L 2M
5.4 to 9 (center 7.2)
Glass substrate
mapping, 70
°C
Top-view
E32-A09 2M
15 to 38
---
Sensing
method
Type
Sensing direction
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-
beam
Oil-resistant
Right-angle
E32-T11NF 2M
4,000 *14,000 *14,000 *12,200
Chemical/oil-resistant
Top-view
E32-T12F 2M
4,000 *14,000 *14,000 *11,600
E32-T11F 2M
4,000 *14,000 *12,600
1,000
Side-view
E32-T14F 2M
1,400
800
500
200
Chemical/oil-resistant at
150
°C
Top-view
E32-T51F 2M
4,000 *1
2,800
1,800
700
Reflective
Semiconductors: Cleaning,
developing, and etching;
60
°C
Top-view
E32-L11FP 5M
8 to 20 mm from tip of lens (Recommended sensing distance: 11 mm),
19 to 31 mm from center of mounting hole A (Recommended sensing distance: 22 mm)
Semiconductors: Resist
stripping; 85
°C
E32-L11FS 5M
8 to 20 mm from tip of lens (Recommended sensing distance: 11 mm),
32 to 44 mm from center of mounting hole A (Recommended sensing distance: 35 mm)
Chemical/oil-resistant
E32-D12F 2M
--- *2190
130
60
Chemical-resistant cable
E32-D11U 2M
840
350
240
100
Sensing method
Size
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
1.5 dia.
E32-T22B 2M
680
400
220
90
M3
E32-T21 2M
M4
E32-T11 2M
2,500
1,350
900
360
Square
E32-T25XB 2M
500
300
170
70
Reflective
1.5 dia.
E32-D22B 2M
140
60
40
16
M3
E32-D21 2M
3 dia.
E32-D221B 2M
300
140
90
40
M4
E32-D21B 2M
M6
E32-D11 2M
840
350
240
100
Square
E32-D25XB 2M
240
100
60
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com