Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 5M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E32-R16 5M Datasheet HTML 1Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 2Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 3Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 4Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
E3X-HD
2
Ordering Information
Fiber Amplifier Units
Standard models (Dimensions
➜ page 12)
Model for Sensor Communications Unit (Dimensions
➜ page 12)
Accessories (sold separately)
Wire-saving connectors (Required for models for Wire-saving Connectors.)
Connectors are not provided with the Fiber Amplifier Unit and must be ordered separately. * Protective stickers: provided.
Sensor I/O Connectors (Required for models with M8 Connectors.)
Connectors are not provided with the Fiber Amplifier Unit and must be ordered separately.
Mounting Bracket
A Mounting Bracket is not provided with the Fiber Amplifier Unit and must be
ordered separately as required.
DIN Track
A Din Track is not provided with the Fiber Amplifier Unit and must be ordered
separately as required.
End Plate
Two End Plates are provided with the Sensor Communications Unit.
End Plates are not provided with the Fiber Amplifier Unit and must be ordered
separately as required.
Appearance
Connecting method
Models
NPN output
PNP output
Pre-wired (2 m)
E3X-HD11 2M
E3X-HD41 2M
Wire-saving Connector
E3X-HD6
E3X-HD8
M8 Connector
E3X-HD14
E3X-HD44
Appearance
Model
Applicable Sensor Communications Unit
E3X-HD0
E3X-ECT
E3X-CRT
Type
Appearance
Cable length
Number of conductors
Models
Master
Connector
2 m
3
E3X-CN11
Slave
Connector
1
E3X-CN12
Size
Cable
Appearance
Cable type
Models
M8
Standard
2 m
4-wire
XS3F-M421-402-A
5 m
XS3F-M421-405-A
2 m
XS3F-M422-402-A
5 m
XS3F-M422-405-A
Straight
L-shaped
Appearance
Model
Quantity
E39-L143
1
Appearance
Type
Models
Quantity
Shallow type, total length: 1 m
PFP-100N
1
Shallow type, total length: 0.5 m
PFP-50N
Deep type, total length: 1 m
PFP-100N2
Appearance
Model
Quantity
PFP-M
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com