Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 5M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 3 Page - Omron Electronics LLC

  E32-R16 5M Datasheet HTML 1Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 2Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 3Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 4Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
E3X-HD
Ratings and Specifications
*1. The E3X-ECT EtherCAT Sensor Communications Unit and the E3X-CRT CompoNet Sensor Communications Unit can be used.
*2. Use either the E3X-CN11 (master connector, 3 conductors) or the E3X-CN12 (slave connector, 1 conductor).
*3. The communications function and mutual interference prevention function are disabled when the detection mode is set to Super-high-speed mode (SHS).
When including E3X-DA-S with activated power tuning, mutual interference prevention is possible for up to 6 units.
When including E3X-MDA with activated power tuning, mutual interference prevention is possible for up to 5 units.
Item
Type
Standard
Model for Sensor Communications Unit *1
NPN
output
E3X-HD11
E3X-HD6
E3X-HD14
E3X-HD0
PNP
output
E3X-HD41
E3X-HD8
E3X-HD44
Connecting
method
Pre-wired
Wire-saving
Connector *2
M8 Connector
Connector for Sensor
Communications Unit
Light source (wavelength)
Red, 4-element LED (625 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (P-P) 10% max.
Supplied from the connector through
the Sensor Communications Unit
Power
consump
tion
Normal mode
720 mW max. (Current consumption: 30 mA max. at 24 VDC, 60 mA max. at 12 VDC)
Eco ON
530 mW max. (Current consumption: 22 mA max. at 24 VDC, 44 mA max. at 12 VDC)
Eco LO
640 mW max. (Current consumption: 26 mA max. at 24 VDC, 53 mA max.
at 12 VDC)
−
Control output
Load power supply voltage: 26.4 VDC max., open-collector output
Load current: Groups of 1 to 3 Amplifier Units: 100mA max.,
Groups of 4 to 16 Amplifier Units: 20mA max.
Residual voltage: At load current of less than 10 mA: 1 V max.,
At load current of 10 to 100 mA: 2 V max.
OFF current: 0.1 mA max.
−
Protection circuits
Power supply reverse polarity protection, output short-circuit
protection and output reverse polarity protection
Power supply reverse polarity
protection and output short-circuit
protection
Response
time
Super-high-speed
mode (SHS) *3
NPN outputs: Operate or reset: 50
μs
PNP outputs: Operate or reset: 55
μs
−
High-speed mode (HS) Operate or reset: 250
μs (default setting)
Standard mode (Stnd)
Operate or reset: 1 ms
Giga-power mode (GIGA) Operate or reset: 16 ms
Maximum connectable Units
16 units
with E3X-CRT: 16 units
with E3X-ECT: 30 units
Mutual interference prevention
Possible for up to 10 units (optical communications sync) *3
Auto power control (APC)
Always ON
Other functions
Power tuning, differential detection, DPC, timer (OFF-delay, ON-delay, or one-shot),
zero reset, resetting settings, and Eco mode
Ambient illumination
(Receiver side)
Incandescent lamp: 20,000 lx max., Sunlight: 30,000 lx max.
Ambient temperature range
Operating:
Groups of 1 to 2 Amplifiers:
−25 to 55°C,
Groups of 3 to 10 Amplifiers:
−25 to 50°C,
Groups of 11 to 16 Amplifiers:
−25 to 45°C
Storage:
−30 to 70°C
(with no icing or condensation)
Operating:
Groups of 1 to 2 Amplifiers: 0 to 55
°C,
Groups of 3 to 10 Amplifiers: 0 to 50
°C,
Groups of 11 to 16 Amplifiers: 0 to 45
°C,
Groups of 17 to 30 Amplifiers: 0 to 40
°C
Storage:
−30 to 70°C
(with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC at 50/60 Hz for 1 minute
Vibration resistance
(destruction)
10 to 55 Hz with a 1.5-mm double amplitude for 2 hours each in X,
Y, and Z directions
10 to 150 Hz with a 0.7-mm double
amplitude for 80 minutes each in X, Y,
and Z directions
Shock resistance (destruction)
500 m/s2 for 3 times each in X, Y, and Z directions
150 m/s2 for 3 times each in X, Y, and
Z directions
Degree of protection
IEC 60529 IP50 (with Protective Cover attached)
−
Weight (packed state/unit only)
Approx. 105 g/
Approx. 65 g
Approx. 60 g/
Approx. 20 g
Approx. 70 g/
Approx. 25 g
Approx. 65 g/Approx. 25 g
Materials
Case
Polycarbonate (PC)
Heat-resistant ABS (connector: PBT)
Cover
Polycarbonate (PC)
Cable
PVC
−
Accessories
Instruction Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com