Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 5M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 10Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 11Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 12Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
E3X-HD
Dimensions
Fiber Amplifier Units
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
Note: When using E39-L143 Mounting
Brackets, there will be small gaps
between the Amplifier Units if they
are mounted side by side.
Mouting Holes
With Mounting Braket Attached
DIN track mounting
Vinyl-insulated round cable, 4 dia., 3 conductors
(conductor cross-section: 0.2 mm
2, insulation diameter: 1.1 mm),
standard cable length: 2 m
Minimum bending radius: 12 mm
L/D indicator
21.7
27.1
OUT indicator
Threshold level
green digital display
Incident level
red digital display
DPC indicator
ST indicator
Two,
2.4-dia.
holes
10
10
4.5
5.65
104.8
104.8
(max. value
with cover
open)
Fiber Attachment (E39-F9) attached
5.1
(37.9)
(20.3)
71.8
71.8
12.7
20.5
3.4
Optical communications
146.9
146.9
170
° (max. value with cover open)
49.2
PFP-
@N DIN Track
(sold separately)
33.5
33.5
16
Two-M3
(9.4)
16
29.9
4.4
3.4
5.1
71.8
71.8
12.7
20.5
3.4
(16.5)
16
Optical
communications
Two, 3.2-dia.
holes
E39-L143 Mounting Bracket
(sold separately, SUS304)
33.5
33.5
10.3
4.3
(16.5)
Pre-wired Amplifier Units
E3X-HD11
E3X-HD41
E3X-CN11 (3 conductors)
E3X-CN12 (1 conductor)
4.0 dia.
2.6 dia.
* The cable diameters are as follows:
Note: When using E39-L143 Mounting
Brackets, there will be small gaps
between the Amplifier Units if they
are mounted side by side.
A *
(13)
A *
Mouting Holes
With Mounting Braket Attached
DIN track mounting
5.1
71.8
71.8
20.5
33.5
33.5
3.4
Optical
communications
(9.4)
16
Two, 3.2-dia.
holes
16
29.9
4.4
3.4
E39-L143 Mounting Bracket
(sold separately, SUS304)
10.3
DPC indicator
ST indicator
27.1
21.7
L/D indicator
Incident level
red digital display
Threshold level
green digital display
OUT indicator
Two,
2.4-dia.
holes
10
10
4.5
5.65
104.8
104.8
(max. value
with cover
open)
5.1
20.5
146.9
146.9
33.5
33.5
(37.9)
3.4
(20.3)
PFP-
@N DIN Track
(sold separately)
170
° (max. value with cover open)
49.2
71.8
71.8
16
Two-M3
(13)
Fiber Attachment (E39-F9) attached
4.3
(16.5)
(16.5)
Amplifier Units with Wire-saving Connectors
E3X-HD6
E3X-HD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com