Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 5M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-R16 5M Datasheet HTML 1Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 2Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 3Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 4Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
E3X-HD
4
Sensing Distances
Threaded Models
* The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
Cylindrical Models
Flat Models
Sleeve Models
Sensing
method
Sensing direction
Size
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
Right-angle
M4
E32-T11N 2M
2,000
1,000
700
280
E32-LT11N 2M
4,000 *
3,500
2,300
920
Straight
E32-T11R 2M
2,000
1,000
700
280
E32-LT11 2M
4,000 *
4,000 *
2,700
1,080
E32-LT11R 2M
4,000 *
3,500
2,300
920
Reflective
Right-angle
M3
E32-C31N 2M
110
50
46
14
E32-C21N 2M
290
130
90
39
M4
E32-D21N 2M
840
350
240
100
M6
E32-C11N 2M
780
350
320
100
E32-LD11N 2M
840
350
240
100
Straight
M3
E32-D21R 2M
140
60
40
16
E32-C31 2M
330
150
100
44
E32-C31M 1M
M4
E32-D211R 2M
140
60
40
16
M6
E32-D11R 2M
840
350
240
100
E32-CC200 2M
1,400
600
400
180
E32-LD11 2M
860
360
250
110
E32-LD11R 2M
840
350
240
100
Sensing
method
Size
Sensing direction
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
1 dia.
Top-view
E32-T223R 2M
450
250
150
60
1.5 dia.
E32-T22B 2M
680
400
220
90
3 dia.
E32-T12R 2M
2,000
1,000
700
280
Side-view
E32-T14LR 2M
750
450
260
100
Reflective
1.5 dia.
Top-view
E32-D22B 2M
140
60
40
16
1.5 dia. +
0.5 dia.
E32-D43M 1M
28
12
8
4
3 dia.
E32-D22R 2M
140
60
40
16
E32-D221B 2M
300
140
90
40
E32-D32L 2M
700
300
200
90
3 dia. +
0.8 dia.
E32-D33 2M
70
30
20
8
Sensing
method
Sensing direction
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
Top-view
E32-T15XR 2M
2,000
1,000
700
280
Side-view
E32-T15YR 2M
750
450
260
100
Flat-view
E32-T15ZR 2M
Reflective
Top-view
E32-D15XR 2M
840
350
240
100
Side-view
E32-D15YR 2M
200
100
52
24
Flat-view
E32-D15ZR 2M
Sensing
method
Sensing direction
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
Side-view
E32-T24R 2M
170
100
50
20
E32-T24E 2M
450
250
150
60
Top-view
E32-T33 1M
150
90
50
20
E32-T21-S1 2M
510
300
170
68
E32-TC200BR 2M
2,000
1,000
700
280
Reflective
Side-view
E32-D24R 2M
70
30
20
8
E32-D24-S2 2M
120
53
45
14
Top-view
E32-D43M 1M
28
12
8
4
E32-D331 2M
14
6
4
2
E32-D33 2M
70
30
20
8
E32-D32-S1 0.5M
63
27
18
7
E32-D31-S1 0.5M
E32-DC200F4R 2M
140
60
40
16
E32-D22-S1 2M
250
110
72
30
E32-D21-S3 2M
E32-DC200BR 2M
840
350
240
100
E32-D25-S3 2M
250
110
72
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com