Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 5M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 10Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 11Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 12Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
E3X-HD
Safety Precautions
Refer to the Fiber Sensors Technical Guide for precautions that apply to all Fiber Sensors.
• Be sure to mount the unit to the DIN track until it clicks.
• Use an extension cable with a minimum thickness of 0.3 mm2 and
less than 100 m long.
• Do not subject the cable to more than the following forces.
Pull: 40 N; torque: 0.1 N
⋅m; pressure: 20 N; bending: 29.4 N
• The Sensor is ready to operate 200 ms after the power supply is
turned ON.
• When using Amplifier Units with Wire-saving Connectors, attach
the protective stickers (provided with E3X-CN-series Connectors)
on the unused power pins to prevent electrical shock and short
circuiting.
When using Amplifier Units with Connectors for Communications
Units, attach the protective caps (provided with E3X-CRT/ECT
Sensor Communications Unit).
• Output pulses may occur when the power supply is turned OFF. Turn
OFF the power supply to the load or load line first.
• Excessive incident light cannot be sufficiently handled by the
mutual interference prevention function and may cause
malfunction. To prevent this, set a higher threshold level.
• Make sure that the power supply is turned OFF before connecting,
separating, or adding Amplifier Units.
• Do not pull on or apply excessive pressure or force to the Fiber Unit
when it is attached to the Amplifier Unit.
• The E3X-MC11, E3X-MC11-SV2 and E3X-MC11-S Mobile
Consoles cannot be used.
• Mutual interference prevention on the E3X-HD Series does not
function among the E3NX-FA, E3X-DA-N, E3X-SD, or E3X-NA
Fiber Amplifier Units.
Mutual interference prevention on the E3X-HD Series does
function among the E3X-DA-S and E3X-MDA Fiber Amplifier Units.
• The E3X-CRT and E3X-ECT Sensor Communications Unit can be
used with the E3X-HD0, but the E3X-DRT21-S and E3NW-ECT
Sensor Communications Units cannot be used.
• Always keep the protective cover in place when using the Amplifier
Unit.
• Do not use thinner, benzine, acetone, and kerosene for cleaning.
For technical information and product FAQs, refer to the
Technical Guide on your OMRON website.
Warning
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the product with voltage in excess of the
rated voltage.
Excess voltage may result in malfunction or fire.
Never use the product with AC power supply.
Otherwise, explosion may result.
Precautions for Safe Use
The following precautions must be observed to ensure safe
operation of the product. Doing so may cause damage or fire.
1.
Do not install the product in the following locations.
• Locations subject to direct sunlight
• Locations subject to condensation due to high humidity
• Locations subject to corrosive gas
• Locations subject to vibration or mechanical shocks
exceeding the rated values
• Locations subject to exposure to water, oil, chemicals
• Locations subject to stream
• Locations subjected to strong magnetic field or electric field
2.
Do not use the product in environments subject to flammable
or explosive gases.
3.
To secure the safety of operation and maintenance, do not
install the product close to high-voltage devices and power
devices.
4.
High-Voltage lines and power lines must be wired separately
from this product. Wiring them together or placing them in the
same duct may cause induction, resulting in malfunction or
damage.
5.
Do not apply load exceeding the ratings. Otherwise, damage or
fire may result.
6.
Do not short the load. Otherwise, damage or fire may result.
7.
Connect the load correctly.
8.
Do not miswire such as the polarity of the power supply.
9.
Do not use the product if the case is damaged.
10. Burn injury may occur. The product surface temperature rises
depending on application conditions, such as the ambient
temperature and the power supply voltage. Attention must be
paid during operation or cleaning.
11. When setting the Sensor, be sure to check safety, such as by
stopping the equipment.
12. Be sure to turn off the power supply before connecting or
disconnecting wires.
13. Do not attempt to disassemble, repair, or modify the product
Unit in any way.
14. When disposing of the product, treat it as industrial waste.
15. Do not use the Sensor in water, rainfall, or outdoors.
Precautions for Correct Use
Protective Sticker
Power Supply
Connecting Terminal
Protective Cap
Amplifier Unit with
Wire-saving Connector
Amplifier Unit with Connector
for Communications Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com