Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5543 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 4Page - Cirrus Logic CS5543 Datasheet HTML 5Page - Cirrus Logic CS5543 Datasheet HTML 6Page - Cirrus Logic CS5543 Datasheet HTML 7Page - Cirrus Logic CS5543 Datasheet HTML 8Page - Cirrus Logic CS5543 Datasheet HTML 9Page - Cirrus Logic CS5543 Datasheet HTML 10Page - Cirrus Logic CS5543 Datasheet HTML 11Page - Cirrus Logic CS5543 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
CS5542 CS5543
8
DS109PP2
CS5542 DIGITAL CHARACTERISTICS: (T
A = 25°C, VD+ = 5 V ±5%; DGND = 0V; Output loaded
with 50 pF)
CS5542 RECOMMENDED OPERATING CONDITIONS: (GNDR = GNDL = REFGNDR =
REFGNDL = DGND = 0V)
CS5542 ABSOLUTE MAXIMUM RATINGS*: (Voltages with respect to GND = 0V)
Notes: 7. Transient model is 100 pF through a 1500 ohm source resistance.
*Warning: Operation beyond these limits may result in permanent damage to the device
Normal operations not guaranteed at these extremes
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Vih
VD+ -1.0
-
-
V
Low-Level Input Voltage
Vil
--
1
V
High-Level Output Voltage (Iout = 600
µA)
Voh
VD+ -0.4
-
-
V
Low-Level Output Voltage (Iout = 800
µA)
Vol
--
0.4
V
Input Leakage Current (All pins except OE = Logic 0)
Iin
--
10
µA
Input Leakage Current (OE pin only, OE pin = Logic 0)
Iin
--
25
µA
Output Leakage Current
Iout
--
10
µA
Digital Input Capacitance
Cin
-7
-
pF
Digital Output Capacitance
Cout
-7
-
pF
Parameter
Symbol
Min
Typ
Max
Units
Operating Voltages
Positive Analog
VA+
4.75
5.0
+5.25
V
Negative Analog
VA-
-4.75
-5.0
-5.25
V
Positive Digital
VD+
4.75
5.0
+5.25
V
VREF+
VREF+
2.0
4.0
4.1
V
VREF-
VREF-
-2.0
-4.0
-4.1
V
Parameter
Symbol
Min
Typ
Max
Units
Source Transient Voltage into INL and INR inputs
(Note 7)
-
-
1000
V
Source Transient Current into INL and INR inputs
-
-
100
mA
Operating Voltages
Positive Analog
Negative Analog
Positive Digital
VA+
VA-
VD+
-0.3
+0.3
0.3
-
-
-
6.0
-6.0
(VA+)+0.3
V
V
V
Input Current, Any Pin Except Supplies
Iin
--
±10
mA
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com