Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5543 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 17Page - Cirrus Logic CS5543 Datasheet HTML 18Page - Cirrus Logic CS5543 Datasheet HTML 19Page - Cirrus Logic CS5543 Datasheet HTML 20Page - Cirrus Logic CS5543 Datasheet HTML 21Page - Cirrus Logic CS5543 Datasheet HTML 22Page - Cirrus Logic CS5543 Datasheet HTML 23Page - Cirrus Logic CS5543 Datasheet HTML 24Page - Cirrus Logic CS5543 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CS5542 CS5543
DS109PP2
21
The instruction register is used to select the test to
be performed or to select the test data register to be
accessed. The 3-bit instructions available in the in-
struction register are illustrated in Table 6. The
LSB of the 3-bit instruction is shifted in first.
Table 6. Boundary Scan Instructions
Several test registers are in the design including the
Boundary-Scan Register (BSR), the Device Identi-
fication Register (DIR), the Operating Mode Reg-
ister (OMR), and the Bypass Register (BR).
The Boundary-Scan Register allows for the testing
of board interconnects. The bit ordering for the
BSR is the same as the top-view packaged pinout,
clockwise beginning with the MDATA[3], and
ending with RST. The TAP, power and gnd pins
are not included as part of the boundary-scan regis-
ter. The BSR is 47 bits long. Inputs can be set via
the BSR, bypassing the actual pin. All outputs are
3-state (logic high, low and or high impedance)
outputs. Their states during test can be controlled
via the PRELOAD instruction. In the boundary-
scan register, each input pin of the device is repre-
sented by one bit position of the boundary scan reg-
ister, whereas each of the outputs, having the
possibility of any one of three states, require two
bits each in the boundary-scan register.
The Device Identification Register is designed to
identify the manufacturer, the part number, and the
version number of the CS5543. The format of the
DIR is illustrated in Table 7. Data from the DIR is
shifted out of the TDO LSB first. Note that when
the CS5543 is reset, the Instruction Register is set
to select IDCODE.
IR CODE
INSTRUCTION
000
001
010
011
100
101
110
111
EXTEST
SAMPLE/PRELOAD
IDCODE
OPERATING MODE REGISTER
reserved
reserved
reserved
BYPASS
Test-Logic-Reset
1
0
Run-Test/Idle
Capture-DR
Select-DR-Scan
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Capture-IR
Select-IR-Scan
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
0
0
0
0
1
0
1
1
0
1
0
1
0
1
0
1
0
1
1
0
1
0
1
0
1
1
1
0
1
0
Figure 8. TPA Controller State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com