Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5543 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5543 Datasheet HTML 1Page - Cirrus Logic CS5543 Datasheet HTML 2Page - Cirrus Logic CS5543 Datasheet HTML 3Page - Cirrus Logic CS5543 Datasheet HTML 4Page - Cirrus Logic CS5543 Datasheet HTML 5Page - Cirrus Logic CS5543 Datasheet HTML 6Page - Cirrus Logic CS5543 Datasheet HTML 7Page - Cirrus Logic CS5543 Datasheet HTML 8Page - Cirrus Logic CS5543 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5542
CS5543
22-Bit, Multi-Channel
∆Σ ADC Chip Set
Features
l Delta-Sigma Architecture:
- 5th Order Modulator
- 22-Bit Resolution
l dc Accuracy (fBW = 250Hz):
- Integral Linearity: ±0.001 % F.S.
- Differential Linearity: ±0.5 LSBs
- RMS Noise: 1.1 pARMS
l Pin Selectable Input Range:
- ±400 nA to ±2.5 µA Full Scale
l 8-Channel Digital FIR Filter
l Self-calibration of Offset and Gain
l Low Power: 50 mW /ch for 8-ch system
Description
The CS5542 / CS5543 chip set is designed to be a com-
plete current measurement data acquisition system.
The CS5542 is a 22-Bit, 2-channel, 5th-order delta sig-
ma modulator. The CS5543 is a monolithic CMOS, 8-
channel digital FIR filter designed to be used with up to
four CS5542’s forming an 8-channel system. The com-
plete system is capable of cascading up to 1024
channels.
The system supports 22-bit measurement resolution
with output conversion rates up to 1 kHz per channel.
JTAG boundary-scan capability is available to facilitate
self-test at the system level.
Potential applications for the CS5542/CS5543 system
are environmental monitoring, process control systems,
color sensing, light measurement, chemical analyzers
and photo-diode transducer applications.
ORDERING INFORMATION
CS5542-KL
0 to 70°C
28-pin PLCC
CS5543-KL
0 to 70°C
28-pin PLCC
REFGNDL
INL
ICAL
INR
REFGNDR
VA+
VA- GNDL VD+ DGND
VREF+ VREF- GNDR SEL0SEL1
CAPSIZE
PDN
MCLK
FSYNC
CAL[1:0]
MDATA[3:0]
C[2:0]
Calibra-
and
Digital
Control
Logic
5th Order
Bias
ICAL
MUX
Delta-Sigma
Modulator
Right
5th Order
Delta-Sigma
Modulator
Left
CAPSIZE
MCLK
FSYNC
PDN
C[2.0]
CAL[1:0]
TCK
TMS
TDI
TDO
VD1+GND1VD2+GND2VD3+GND3
Channel
Channel
Regulator
tion
Control/Sequencing
3
2
DMODE[2:0]
RST
CLKIN
FEGAIN
OE
DATSEL[3:0]
3
4
Test
Access
Port
MDATA
4
Serial I/O
DATAIN[3:0]
4
DATAOUT
4
[3:0]
DATACLK
FRAME
[3:0]
CS5543
CS5542
SEP ‘96
DS109PP2


Similar Part No. - CS5543

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5540 CIRRUS-CS5540 Datasheet
425Kb / 22P
LOW POWER LOW VOLTAGE 24- BIT ACD
CS5540-AS CIRRUS-CS5540-AS Datasheet
425Kb / 22P
LOW POWER LOW VOLTAGE 24- BIT ACD
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
More results

Similar Description - CS5543

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
2-Channel Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
Differential Input 16-Bit No Latency DS ADC
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
Ultra-Tiny, 16-Bit DS ADC with I2C Interface
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
96kHz Sampling DS 20bit ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
24Bit 192kHz DS ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
24Bit 192kHz DS ADC
logo
PHOENIX CONTACT
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
Connector set - MSTBP-SET/EMUG 22- 4REL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com