Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5543 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 9Page - Cirrus Logic CS5543 Datasheet HTML 10Page - Cirrus Logic CS5543 Datasheet HTML 11Page - Cirrus Logic CS5543 Datasheet HTML 12Page - Cirrus Logic CS5543 Datasheet HTML 13Page - Cirrus Logic CS5543 Datasheet HTML 14Page - Cirrus Logic CS5543 Datasheet HTML 15Page - Cirrus Logic CS5543 Datasheet HTML 16Page - Cirrus Logic CS5543 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
CS5542 CS5543
DS109PP2
13
The CS5542 includes two modulators. The input
current into each of the modulators is set by the fol-
lowing factors: the MCLK (modulator clock) fre-
quency,
the value of the VREF voltage to
modulator chip, and the logic value of the CAP-
SIZE input to the CS5542 modulator (this selects
either a 1.6 pF or a 4.8 pF transimpedance feedback
capacitor). MCLK is typically set as some frequen-
cy between 1.024 MHz and 2.048 MHz.
The
VREF voltage is optimally set to 4.0 Volts. The
voltage reference for the modulator is actually in-
put into both the VREF+ and VREF- pins as +4.0
and -4.0 volts.
The full scale input current is defined by the fol-
lowing equation:
(VREF) X (CDAC) X (MCLK/16) = IFS
With VREF = 4.0, MCLK = 2.048 MHz, and
CDAC set to select 1.6 pF, the nominal full scale
current will be set at 819 nA. The value of the off-
set and gain register contents will affect the actual
conversion words which are output from the con-
verter with a specific input current. Several calibra-
tion steps (to be discussed later) are necessary to
ensure that the chip converts accurately.
The CS5542 dual modulator and CS5543 multi-
channel filter are designed to interface together.
The CS5542 modulator uses a tri-level modulator.
The modulator thresholds must be calibrated before
accurate measurements can be accomplished. The
threshold values are measured and digitally cor-
rected inside the CS5543 digital filter.
The
CS5543 digital filter functions as a digital calibra-
tion engine and a communications interface in ad-
dition to being an FIR filter.
The CS5543 digital filter collects the multi-bit
quantized data from four dual modulator CS5542s
and computes offset and gain corrections to the da-
ta, yielding a 24-bit output word. The 24-bit output
data word includes an overflow bit, a parity bit, and
22 data bits (21 bits plus sign).
There are several clocks which control the timing
to the multi-channel system.
CLKIN (Master
Clock) is the primary clock to the system. CLKIN
(typically 2.048 MHz) is input to the CS5543 filter.
Inside the filter CLKIN is buffered and passed to
the CS5542s as MCLK. For each two clock cycles
of MCLK to the modulator, a four bit modulator
sample is passed to the CS5543 digital filter. The
digital filter computes an output conversion word
for each set of 1024 modulator samples. The out-
put word rate of the filter is therefore related to the
CLKIN
or
MCLK
frequency by
the
ratio
CLKIN/2048 = OWR (output word rate). The con-
version data for eight CS5542 modulator channels
is output from the four CS5543 DATAOUT pins in
a serial-formatted, time-multiplexed fashion. The
DATACLK controls the rate at which data is output
from the DATAOUT pins. DATACLK is three
times the frequency of CLKIN.
The CS5542/CS5543 chip set is designed to sup-
port constructing a serially-connected current digi-
tization system with up to 1024 channels.
System Initialization and Calibration
After power is applied to the CS5542/CS5543 sys-
tem, a reset must be issued to the CS5543 device by
taking the RST pin low. This resets the gain regis-
ter to 0.8 (199998(H)) and all other registers to 0.0.
After RST is returned high, the release of the RST
state is not recognized until the next rising edge of
the FRAME signal.
After a reset is recognized, the CS5542/CS5543
system must complete a full set of calibration
steps before being used for measurement. Cali-
brations are performed by controlling the states
of the DTEST (Digital Test Mode Select) pins
with the DATSEL (Data Select Mode) pins held
as logic 0s. Tables 1 and 2 illustrate the com-
mands available via the DTEST and DATSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com