Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5543 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 5Page - Cirrus Logic CS5543 Datasheet HTML 6Page - Cirrus Logic CS5543 Datasheet HTML 7Page - Cirrus Logic CS5543 Datasheet HTML 8Page - Cirrus Logic CS5543 Datasheet HTML 9Page - Cirrus Logic CS5543 Datasheet HTML 10Page - Cirrus Logic CS5543 Datasheet HTML 11Page - Cirrus Logic CS5543 Datasheet HTML 12Page - Cirrus Logic CS5543 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CS5542 CS5543
DS109PP2
9
CS5543 POWER SUPPLY: (T
A = 25°C; CLKIN = 2.048 MHz; DATACLK = 6.144 MHz, VD+ = 5.25 V;
GND1 = GND2 = GND3 = 0V)
CS5543 DIGITAL CHARACTERISTICS: (T
A = 25°C, VD+ = 5 V ±5%; GND1 = GND2 = GND3 =
0V; Output loaded with 50 pF)
CS5543 RECOMMENDED OPERATING CONDITIONS: (GND1 = GND2 = GND3 = 0V, All
voltages with respect to 0V.)
CS5543 ABSOLUTE MAXIMUM RATINGS*: (GND = 0V, All voltages with respect to 0V.)
*Warning: Operation beyond these limits may result in permanent damage to the device
Normal operations not guaranteed at these extremes
Parameter
Symbol
Min
Typ
Max
Units
Consumption
Active
Powerdown
75
-
95
1700
mW
uW
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Vih
VD+-1.0
-
-
V
Low-Level Input Voltage
Vil
--
1
V
High-Level Output Voltage (Iout = -600
µA)
Voh
VD+-0.4
-
-
V
Low-Level Output Voltage (Iout = 800
µA)
Vol
--
0.4
V
Input Leakage Current
Iin
--
10
µA
Output Leakage Current
Iout
--
10
µA
Digital Input Capacitance
Cin
-7
-
pF
Digital Output Capacitance
Cout
-7
-
pF
Parameter
Symbol
Min
Typ
Max
Units
Digital DC Supply
VD+
4.75
5.0
5.25
V
Supply Voltage Required to Maintain Calibration Information
4.0
-
-
V
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
VD1+
VD2+
VD3+
-0.3
6.0
V
Input Current (Except Supply Pins)
Iin
±10.0
mA
Digital Input Voltage
Vinp
-0.3
(VD+)+0.3
V
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com